Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS630-H310 Datasheet(PDF) 2 Page - DFI Inc

Part # CS630-H310
Description  9th/8th Gen Intel® CoreTM Processor ATX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS630-H310 Datasheet(HTML) 2 Page - DFI Inc

  CS630-H310 Datasheet HTML 1Page - DFI Inc CS630-H310 Datasheet HTML 2Page - DFI Inc CS630-H310 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS630-H310
Specifications
SYSTEM
Processor
8th Generation Intel® Core™ /Pentium®/Celeron® LGA 1151 Socket Processors, TDP support up to 95W:
Intel® Core™ i7-8700 (6 Cores, 12M Cache, up to 4.6 GHz); 65W
Intel® Core™ i7-8700T (6 Cores, 12M Cache, up to 4.0 GHz); 35W
Intel® Core™ i5-8500 (6 Cores, 9M Cache, up to 4.1 GHz); 65W
Intel® Core™ i5-8500T (6 Cores, 9M Cache, up to 3.5 GHz); 35W
Intel® Core™ i3-8100 (4 Cores, 6M Cache, 3.6 GHz); 65W
Intel® Core™ i3-8100T (4 Cores, 6M Cache, to 3.1 GHz); 35W
Intel® Pentium® G5400 (2 Cores, 4M Cache, 3.7 GHz); 58W
Intel® Pentium® G5400T (2 Cores, 4M Cache, 3.1 GHz); 35W
Intel® Celeron® G4900 (2 Cores, 2M Cache, 3.1 GHz); 54W
Intel® Celeron® G4900T (2 Cores, 2M Cache, 2.9 GHz); 35W
9th Generation Intel® Core™ LGA 1151 Socket Processors, TDP support up to 95W:
Intel® Core™ i7-9700E (8 Cores, 12M Cache, up to 4.4 GHz); 65W
Intel® Core™ i7-9700TE (8 Cores, 12M Cache, up to 3.8 GHz); 35W
Intel® Core™ i5-9500E (6 Cores, 9M Cache, up to 4.2 GHz); 65W
Intel® Core™ i5-9500TE (6 Cores, 9M Cache, up to 3.6 GHz); 35W
Intel® Core™ i3-9100E (4 Cores, 6M Cache, 3.7 GHz); 65W
Intel® Core™ i3-9100TE (4 Cores, 6M Cache, to 3.2 GHz); 35W
Chipset
Intel® H310 Chipset
Memory
Two 288-pin DIMM up to 64GB
Dual Channel DDR4 2400/2666MHz
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
1 x DVI-I (DVI-D signal)
1 x DP++
VGA: resolution up to 1920x1200 @ 60Hz
DVI-D: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
Dual Displays
VGA + DVI-D / VGA + DP++ / DP++ + DVI-D
EXPANSION
Interface
1 x PCIe x16 (Gen 3)
1 x PCIe x4 (Gen 2)
5 x PCI (use IT8892+IT8209)
AUDIO
Audio Codec
Realtek ALC888
ETHERNET
Controller
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219V Lan Phy (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.1 (Gen1)
2 x USB 2.0
Serial
1 RS-232/422/485 (RS-232 w/power) (DB-9)
PS/2
1 x PS/2 (mini-DIN-6)
Display
1 x VGA
1 x DP++
1 x DVI-I (DVI-D signal)
Audio
1 x Line-out, 1 x Mic-in, 1 x Line-in (opt., MOQ required)
INTERNAL I/O
Serial
1 x RS-232/422/485 (RS-232 w/ power) (2.54mm pitch)
4 x RS-232 (2.54mm pitch)
USB
4 x USB 2.0 (2.54mm pitch)
Audio
1 x S/PDIF
1 x Front Audio Header
SATA
4 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 16-bit DIO
LPC
1 x LPC
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0
POWER
Type
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i7-8700K: 3.3V @ 0.19A (0.627Watt); 5V @ 0.5A (2.5Watt); 12V @ 0.37A (4.44Watt)
Max.: i7-8700K:3.3V @ 0.24A (0.792Watt); 5V @ 1.03A (5.15Watt); 12V @ 13.02A (156.24Watt)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -30 to 60°C with RTC Battery; -40 to 85°C without RTC Battery
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
551,561 hrs @ 25°C; 313,962 hrs @ 45°C ; 196,617 hrs @ 60°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
MECHANICAL
Dimensions
ATX Form Factor
305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 31.47mm Bottom Side: 4.4mm
CERTIFICATIONS
CE, FCC, RoHS, KC, UKCA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com