Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS630-H310 Datasheet(PDF) 3 Page - DFI Inc

Part # CS630-H310
Description  9th/8th Gen Intel® CoreTM Processor ATX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS630-H310 Datasheet(HTML) 3 Page - DFI Inc

  CS630-H310 Datasheet HTML 1Page - DFI Inc CS630-H310 Datasheet HTML 2Page - DFI Inc CS630-H310 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
Packing List
Optional Items
• 1 CS630-H310 motherboard
• 1 COM port cables
(W/Bracket, Length: 300mm, 2 x COM ports)
A81-015026-023G
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 I/O shield
A49-KD6000-000G
• USB 2.0 port cable (Length: 350mm)
A81-001066-016G
• USB 3.1 Gen2 port cable (Length: 300mm)
A81-001075-017G
• D-SUB cable
(W/Bracket, Length: 300mm, 2 x COM ports)
A81-015026-023G
• Serial ATA data cable (W/Lock, Length: 500mm)
332-553001-005G
• Serial ATA data cable (W/Lock, Length: 500mm, 90D) A81-002128-017G
• Thermal solution (For 35W, Height: 37.3mm)
A71-101107-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G
• DP to HDMI dongle
612-D2H13M-000G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com