Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS630-H310 Datasheet(PDF) 1 Page - DFI Inc

Part # CS630-H310
Description  9th/8th Gen Intel® CoreTM Processor ATX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS630-H310 Datasheet(HTML) 1 Page - DFI Inc

  CS630-H310 Datasheet HTML 1Page - DFI Inc CS630-H310 Datasheet HTML 2Page - DFI Inc CS630-H310 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H310
CS630-H310
Mechanical Drawing
Block Diagram
10.16
0.00
22.86
154.94
227.33
154.94
227.33
75.29
150.29
46.94
29.22
Features
9th/8th Gen Intel® CoreTMProcessor
ATX
T8892/8209
Channel A
2400/2666MHz
Audio Jack
(Line-out/Mic-in)
Co-layout
(Jack w/Line-in)
S/PDIF
USB 3.1 Gen1
H310
USB 2.0
DDR4 DIMM 1x
Core i7/i5/i3
DVI-D
ALC888
IT6516BFN
DDI
VGA
R.G.B
PCIe x1
GLAN I219LM
PCIe x1
PCI 5x
PCI
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen1
2x
USB 3.1 Gen1
USB 2.0
PCIe x1
GLAN I210AT
MDI
LAN 1x
USB 3.1 Gen1
2x
USB 2.0
LPC
P S/2 KB/MS
USB 2.0 2x
RS232 5x
RS232/422/285
1x
USB 2.0 4x
SATA 3.0
USB 2.0
SATA 3x
LPC
LPC Header
TPM 2.0
DDR4 DIMM 1x
PCIe
PCIe x 16
SATA 3.0
SATA 1x
Channel B
2400/2666MHz
PCIe x4
PCIe x4
DDI
Digital I/O 16-bit
4K2K
Display
4096x2160
VGA
PS/2 KB/MS
USB 2.0
LAN 2
DP++
ATX Power
DDR4_1
PCIe x16
USB 2.0
LGA 1151
COM 1
LAN 1
USB 3.0
Line-out
Mic-in
PCI 1
SATA 3.0
CPU Fan
12V power
System
Fan_1
COM 2
COM 3
COM 4
COM 5~6
System
Fan_2
PCI 2
PCI 3
PCI 4
PCI 5
PCIe x4
DDR4
COM ESD
Protection
air gap ±15kv
AMT
• 2 DDR4 DIMM up to 64GB
• Three display ports: VGA, DVI-D, DP++
Supports two independent displays
• DVI-D: resolution up to 1920x1200 @ 60Hz
DP++ resolution up to 4096x2160 @ 60Hz
• Multiple expansion:
1 PCIe x16 (Gen 3), 1 PCIe x4 (Gen 2), 5 PCI
• Rich I/O: 2 Intel GbE, 6 COM, 4 USB 3.1 Gen1, 6 USB 2.0
DDR4_3
Intel H310
DVI-I
(DVI-D)
Desktop
2 Displays
DIO
Ordering Information
Model
Name
P/N
Memory GbE RS-232/
422/485 RS-232
USB 3.1
Gen 1
USB 2.0 PCI BRIDGE M.2
M-key DIO
TPM 2.0 Power
Temp.
CS630-H310C 770-CS6305-000G 2 DDR4
DIMM
2
2
4
4
6
T8892/8209
-
16-bit DIO -
24-pin ATX -5 to 65oC
CS630-H310C 770-CS6305-200G 2 DDR4
DIMM
2
2
4
4
6
T8892/8209
-
16-bit DIO 1
24-pin ATX -5 to 65oC


Similar Part No. - CS630-H310

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS630-12IO1 IXYS-CS630-12IO1 Datasheet
25Kb / 2P
Phase Control Thyristor
CS630-14IO1 IXYS-CS630-14IO1 Datasheet
25Kb / 2P
Phase Control Thyristor
CS630-16IO1 IXYS-CS630-16IO1 Datasheet
25Kb / 2P
Phase Control Thyristor
logo
DFI Inc
CS630-Q370 DFI-CS630-Q370 Datasheet
1Mb / 3P
9th/8th Gen Intel® CoreTM Processor ATX
More results

Similar Description - CS630-H310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
logo
AAEON Technology
MAX-H310A AAEON-MAX-H310A Datasheet
613Kb / 2P
Micro-ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM
2022/10/05
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com