Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74ACT244
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT244 Datasheet(HTML) 5 Page - Silicon Supplies

  74ACT244 Datasheet HTML 1Page - Silicon Supplies 74ACT244 Datasheet HTML 2Page - Silicon Supplies 74ACT244 Datasheet HTML 3Page - Silicon Supplies 74ACT244 Datasheet HTML 4Page - Silicon Supplies 74ACT244 Datasheet HTML 5Page - Silicon Supplies 74ACT244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Capacitance7
Advanced CMOS TTL Input – 74ACT244
Rev 1.0
24/04/19
7. Not production tested in die form, characterized by chip design and tested in package.
Figure 2 – Propagation Delay - Output Enable to Output 1Y or 2Y
Figure 1 – Propagation Delay - Input 1A or 2A to Output 1Y or 2Y
PARAMETER
SYMBOL
VCC
CONDITIONS
TYPICAL
UNITS
Maximum Input
Capacitance
CIN
5.0V
TA = 25°C
4.5
pF
Power Dissipation
Capacitance
(Per Buffer/Driver)
CPD
5.0V
TA = 25°C,
CL = 50pF,
F = 1MHz
45
pF
Switching Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com