Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT244
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT244 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT244 Datasheet HTML 1Page - Silicon Supplies 74ACT244 Datasheet HTML 2Page - Silicon Supplies 74ACT244 Datasheet HTML 3Page - Silicon Supplies 74ACT244 Datasheet HTML 4Page - Silicon Supplies 74ACT244 Datasheet HTML 5Page - Silicon Supplies 74ACT244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
Advanced CMOS TTL Input – 74ACT244
 
 
 
 
Octal 3-State Non-Inverting Buffer / Line Driver / Line Receiver in bare die form
Rev 1.0
24/04/19
Outputs Source/Sink 24mA
Low input current: 1µA
Inputs directly accept TTL
 
 
 
 
The 74ACT244 is produced on a 1.5µm 5V CMOS process
combining high speed LSTTL performance with CMOS low
power. The device can be used as two 4-bit buffers or one
8-bit buffer & features non-inverting inputs with two output
enables, each controlling four of the 3-state outputs. The
device is designed to improve performance & density in
clock drivers, 3-state memory address drivers & bus
orientated transmitters and receivers. Inputs include clamp
diodes that enable the use of current limiting resistors to
interface inputs to voltages in excess of VCC. Device inputs
directly accept TTL without use of pull-up resistors.
Description
Outputs directly interface CMOS, NMOS and TTL
Operating voltage range: 4.5V to 5.5V
Function compatible with 74LS244
Lower power alternative to bipolar logic.
Features:
 
 
Ordering Information
Die Dimensions in µm (mils)
 
 
 
 
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
1750 (69)
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1750 x 1700
69 x 67
µm
mils
Minimum Bond Pad Size
130 x 130
5.12 x 5.12
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
54ACT244
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 74ACT244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT244 STMICROELECTRONICS-74ACT244 Datasheet
69Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-1999
logo
ON Semiconductor
74ACT244 ONSEMI-74ACT244 Datasheet
117Kb / 9P
Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
74ACT244 ONSEMI-74ACT244 Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
logo
Silicon Supplies
74ACT244 SS-74ACT244 Datasheet
460Kb / 6P
Advanced CMOS TTL Input
logo
ON Semiconductor
74ACT244 ONSEMI-74ACT244 Datasheet
339Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
More results

Similar Description - 74ACT244

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com