Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244 Datasheet (PDF) - Silicon Supplies

74ACT244 Datasheet PDF - Silicon Supplies
Part # 74ACT244
Download  74ACT244 Download
File Size   311.5 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS TTL Input

74ACT244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT244 Datasheet PDF - Silicon Supplies

Part # 74ACT244
Download  74ACT244 Click to download

File Size   311.5 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS TTL Input

74ACT244 Datasheet (HTML) - Silicon Supplies


74ACT244 Product details

Features
Outputs Source/Sink 24mA
Low input current: 1μA
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Operating voltage range: 4.5V to 5.5V
Function compatible with 74LS244
Lower power alternative to bipolar logic.




Similar Part No. - 74ACT244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT244 STMICROELECTRONICS-74ACT244 Datasheet
69Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-1999
logo
ON Semiconductor
74ACT244 ONSEMI-74ACT244 Datasheet
117Kb / 9P
Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
74ACT244 ONSEMI-74ACT244 Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
logo
Silicon Supplies
74ACT244 SS-74ACT244 Datasheet
460Kb / 6P
Advanced CMOS TTL Input
logo
ON Semiconductor
74ACT244 ONSEMI-74ACT244 Datasheet
339Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
More results


Similar Description - 74ACT244

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com