Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC5403 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC5403
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5403 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC5403 Datasheet HTML 1Page - Texas Instruments TPIC5403 Datasheet HTML 2Page - Texas Instruments TPIC5403 Datasheet HTML 3Page - Texas Instruments TPIC5403 Datasheet HTML 4Page - Texas Instruments TPIC5403 Datasheet HTML 5Page - Texas Instruments TPIC5403 Datasheet HTML 6Page - Texas Instruments TPIC5403 Datasheet HTML 7Page - Texas Instruments TPIC5403 Datasheet HTML 8Page - Texas Instruments TPIC5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TPIC5403
4-CHANNEL INDEPENDENT GATE-PROTECTED
POWER DMOS ARRAY
SLIS038A – SEPTEMBER 1994 – REVISED SEPTEMBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
32
55
td(off)
Turn-off delay time
VDD = 25 V,
RL = 20 Ω,tr1 = 10 ns,
27
50
ns
tr2
Rise time
DD
,
tf1 = 10 ns,
L
,
See Figure 2
r1
,
14
30
ns
tf2
Fall time
7
15
Qg
Total gate charge
V48 V
I
1 125 A
V10 V
6.6
8
Qgs(th) Threshold gate-to-source charge
VDS = 48 V,
See Figure 3
ID = 1.125 A,
VGS = 10 V,
0.6
0.7
nC
Qgd
Gate-to-drain charge
See Figure 3
2.8
3.2
LD
Internal drain inductance
5
nH
LS
Internal source inductance
5
nH
Rg
Internal gate resistance
0.25
Ω
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-ambient thermal resistance
See Notes 4 and 7
90
°C/W
R
θJB
Junction-to-board thermal resistance
See Notes 5 and 7
49
°C/W
R
θJP
Junction-to-pin thermal resistance
See Notes 6 and 7
28
°C/W
NOTES:
4. Package mounted on an FR4 printed-circuit board with no heatsink
5. Package mounted on a 24 inch2, 4-layer FR4 printed-circuit board
6. Package mounted in intimate contact with infinite heatsink
7. All outputs with equal power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com