Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC5403 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC5403
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5403 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC5403 Datasheet HTML 4Page - Texas Instruments TPIC5403 Datasheet HTML 5Page - Texas Instruments TPIC5403 Datasheet HTML 6Page - Texas Instruments TPIC5403 Datasheet HTML 7Page - Texas Instruments TPIC5403 Datasheet HTML 8Page - Texas Instruments TPIC5403 Datasheet HTML 9Page - Texas Instruments TPIC5403 Datasheet HTML 10Page - Texas Instruments TPIC5403 Datasheet HTML 11Page - Texas Instruments TPIC5403 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TPIC5403
4-CHANNEL INDEPENDENT GATE-PROTECTED
POWER DMOS ARRAY
SLIS038A – SEPTEMBER 1994 – REVISED SEPTEMBER 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
25
15
5
0
35
45
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
50
40
30
20
10
gfs – Forward Transconductance – S
5
4
2
1
0
9
3
0
1
234
56
7
6
8
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
10
789
10
TJ = 40°C
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
VGS – Gate-to-Source Voltage – V
VDS = 15 V
ID = 1.125 A
TJ = 25°C
Total Number of Units = 688
Figure 9
Figure 10
200
160
80
40
0
360
120
0
4
8
121620
24
280
240
320
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
400
28
32
36
40
Ciss
Coss
Crss
VGS = 0
f = 1MHz
TJ = 25°C
Ciss @ 0 V = 301 pF
Coss @ 0 V = 384 pF
Crss @ 10 V = 144 pF
VDS – Drain-to-Source Voltage – V
1
10
0.1
1
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
10
0.1
VSD – Source-to-Drain Voltage – V
TJ = 125°C
TJ = 150°C
TJ = 25°C
TJ = 75°C
TJ = 40°C
VGS = 0
Figure 11
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com