Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC5403 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPIC5403
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5403 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC5403 Datasheet HTML 6Page - Texas Instruments TPIC5403 Datasheet HTML 7Page - Texas Instruments TPIC5403 Datasheet HTML 8Page - Texas Instruments TPIC5403 Datasheet HTML 9Page - Texas Instruments TPIC5403 Datasheet HTML 10Page - Texas Instruments TPIC5403 Datasheet HTML 11Page - Texas Instruments TPIC5403 Datasheet HTML 12Page - Texas Instruments TPIC5403 Datasheet HTML 13Page - Texas Instruments TPIC5403 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TPIC5403
4-CHANNEL INDEPENDENT GATE-PROTECTED
POWER DMOS ARRAY
SLIS038A – SEPTEMBER 1994 – REVISED SEPTEMBER 1995
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
Figure 15
10
1
0.1
100
0.1
1
10
100
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
500
µs†
1 ms†
10 ms†
R
θJP‡
R
θJA§
1
µs†
TC = 25°C
VDS – Drain-to-Source Voltage – V
† Less than 2% duty cycle
‡ Device mounted in intimate contact with infinite heatsink.
§ Device mounted on FR4 printed circuit board with no heatsink.
DC Conditions
Figure 16
10
100
0.01
0.1
MAXIMUM PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
100
1
tav – Time Duration of Avalanche – ms
TC = 25°C
TC = 125°C
See Figure 4
1.0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com