Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC180-CS Datasheet(PDF) 3 Page - DFI Inc

Part # EC180-CS
Description  8th/9th Gen Intel® CoreTM Fanless AI-Enabled Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC180-CS Datasheet(HTML) 3 Page - DFI Inc

  EC180-CS Datasheet HTML 1Page - DFI Inc EC180-CS Datasheet HTML 2Page - DFI Inc EC180-CS Datasheet HTML 3Page - DFI Inc EC180-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
Intel® Core i7-9700TE Processor (Core 8; Max speed 3.8 GHz; TDP 35W)
Intel® Core i5-9500TE Processor (Core 6; Max speed 3.6 GHz; TDP 35W)
Intel® Core i3-9100TE Processor (Core 4; Max speed 3.2 GHz; TDP 35W)
Intel® Core™ i7-8700T Processor (Core 6; Max speed 4.0 GHz; TDP 35W)
Intel® Core™ i5-8500T Processor (Core 6; Max speed 3.5 GHz; TDP 35W)
Intel® Core™ i3-8100T Processor (Core 4; Max speed 3.1 GHz; TDP 35W)
Intel® Pentium® G5400 Processor (Core 2; Max speed 3.7 GHz; TDP 58W)
Intel® Celeron® G4900 Processor (Core 2; Max speed 3.1 GHz; TDP 54W)
Chipset
Intel® H310/Q370 Chipset
Memory
DDR4 2400/2666MHz up to 64GB
BIOS
AMI SPI 128Mbit (supports UEFI/Legacy mode)
GRAPHICS
Controller
Intel® UHD Graphics 630 (Pentium® G5400 and Celeron® G4900 support Intel® UHD
Graphics 610)
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
4 x DP (from MXM)
1 x DP/HDMI (auto-detection)
DP: resolution up to 4096x2304@60Hz
HDMI: resolution up to 4096x2160@30Hz
AI ACCELERATOR
Interface
1 x MXM 3.1 slot, Type-A/B up to 60W
STORAGE
Internal
1 x M.2 M key supports 2242/2280 slot (PCIe Gen3 x4/SATA)
1 x SATA III connector for 1 x 2.5” SSD
EXPANSION
M.2 M key 2242/2280 slot H310: PCIe Gen2 x1
Q370: PCIe Gen3 x4, SATA3.0
M.2 B key 3052 slot
H310: SATA 3.0
Q370: PCIe Gen3 x1, USB 3.2 Gen1
M.2 E key 2230 slot
H310: USB 2.0, PCIe Gen2 x1
Q370: USB 2.0, PCIe Gen3 x1
AUDIO
Audio Codec
5.1 CH Audio Codec:Realtek ALC888S-VD2-GR
ETHERNET
Controller
H310:
3 x Intel® I210AT
1 x Intel® I219V
Q370:
3 x Intel® I210AT
1 x Intel® I219LM with iAMT11.0 PCIe
(10/100/1000Mbps)
(only Core i7/i5 supports iAMT)
LED
Indicators
1 x PWD LED
1 x HDD LED
FRONT I/O
Serial
2 x RS232/RS422/RS485, Select by BIOS
Buttons
1 x Power button
Audio
1 x Line-out
1 x Mic-in
REAR I/O
Ethernet
4 x GbE
USB
4 x USB 3.1 Gen2
Display
4 x DP (from MXM)
1 x DP/HDMI (auto-detection)
Antenna Holes
4 x SMA for 5G module
2 x SMA for WiFi module
WATCHDOG TIMER
Output & Interval
Watchdog timeout programmable via software from 1 to 255 seconds
SECURITY
TPM
dTPM2.0 (default)
POWER
Voltage
19V DC-in
Connector
DC-in Jack
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Linux
Linux
ENVIRONMENT
Operating Temperature
0 to 45°C
Storage Temperature
-40 to 85°C
Relative Humidity
5 to 95% RH (non-condensing)uminum extrusion + Metal
MECHANICAL
Construction
Aluminum + SGCC
Mounting
Wall mount (mounting brackets and screws)
Dimensions (W x H x D)
250 x 180 x 76mm (not include wall mount bracket)
Weight
5 Kg
STANDARDS AND
CERTIFICATIONS
Shock
IEC 60068-2-27
15 g, 11 ms, 18 Shock ±X, ±Y, ±Z (each axis 3 times)
Vibration
IEC 60068-2-64 Test Fh: Vibration board-band random test
Frequency: 5 Hz to 500 Hz
Acceleration: 2g rms
Test Axis: X, Y, Z axis
Test Time: 30 mins (Each axis), total 90 mins.
Certifications
CE, FCC Class A, RoHS, UKCA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com