Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC180-CS Datasheet(PDF) 1 Page - DFI Inc

Part # EC180-CS
Description  8th/9th Gen Intel® CoreTM Fanless AI-Enabled Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC180-CS Datasheet(HTML) 1 Page - DFI Inc

  EC180-CS Datasheet HTML 1Page - DFI Inc EC180-CS Datasheet HTML 2Page - DFI Inc EC180-CS Datasheet HTML 3Page - DFI Inc EC180-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8th/9th Gen Intel® CoreTM
Fanless AI-Enabled Embedded System
EC180-CS
KEY FEATURES
Multiple Displays
4 DP (from MXM), 1 DP/HDMI
AI Accelerated
Up to 60W GPU MXM module supported
Compact and Fanless
Dimensions (W x H x D): 250 x 180 x 76mm
Support 5G Communication
Support M.2 B key 3052 5G cellular module
Scalability
3 M.2 expansion slots
Front View
PANEL
Rear View
Right View
Q370
H310
COM
1/2
CAN
1/2
LAN
1/2
Power
Button
DP/
HDMI
Mic-in Line-out
19V
DC-in
DP
(from MXM)
USB 3.1
Gen2
LAN
3/4


Similar Part No. - EC180-CS

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC1800SJ-24.000M ECLIPTEK-EC1800SJ-24.000M Datasheet
438Kb / 2P
3.3Vdc J-Leaded Plastic Surface Mount Oscillator
EC1800SJ-24.000MTR ECLIPTEK-EC1800SJ-24.000MTR Datasheet
438Kb / 2P
3.3Vdc J-Leaded Plastic Surface Mount Oscillator
EC1800SJ-24000M ECLIPTEK-EC1800SJ-24000M Datasheet
438Kb / 2P
3.3Vdc J-Leaded Plastic Surface Mount Oscillator
EC1800SJ-24000MTR ECLIPTEK-EC1800SJ-24000MTR Datasheet
438Kb / 2P
3.3Vdc J-Leaded Plastic Surface Mount Oscillator
EC1800SJET-24.000M ECLIPTEK-EC1800SJET-24.000M Datasheet
438Kb / 2P
3.3Vdc J-Leaded Plastic Surface Mount Oscillator
More results

Similar Description - EC180-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
logo
Advantech Co., Ltd.
EPC-C301 ADVANTECH-EPC-C301 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
ITA-460G ADVANTECH-ITA-460G Datasheet
569Kb / 2P
Water-resistant Fanless In-vehicle AI Computer with Intel® 8th/9th Gen Core™ i CPU
8-Apr-2022
logo
AAEON Technology
BOXER-6641-PRO AAEON-BOXER-6641-PRO Datasheet
527Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
logo
BCM Advanced Research.
EPC-WHL-DIN-RAIL BCM-EPC-WHL-DIN-RAIL Datasheet
487Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPC-WHL BCM-EPC-WHL Datasheet
135Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPS-CFS BCM-EPS-CFS Datasheet
406Kb / 1P
Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
2020/04/27
logo
AAEON Technology
BOXER-6839-CFL AAEON-BOXER-6839-CFL Datasheet
614Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com