Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC180-CS Datasheet(PDF) 4 Page - DFI Inc

Part # EC180-CS
Description  8th/9th Gen Intel® CoreTM Fanless AI-Enabled Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC180-CS Datasheet(HTML) 4 Page - DFI Inc

  EC180-CS Datasheet HTML 1Page - DFI Inc EC180-CS Datasheet HTML 2Page - DFI Inc EC180-CS Datasheet HTML 3Page - DFI Inc EC180-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
•
1 EC180-CS system unit
•
3 M.2 slot screws
•
2 MXM Module screws
Optional Items
Part Number
Description
Wifi Module
612-RTL882-000G
Wi-Fi+BT(V5.0+LE and BR/EDR) M.2 2230 Combo Module Card RTL8822CE
A2000 MXM
612-M3A200-000G
60W, 2560 CUDA cores, 8.25 TFLOPS, 8GB GDDR6 with 4x DP outputs
A500 MXM
612-SKYMXM-000G
35W, 2048 CUDA cores, 6.54 TFLOPS,4GB GDDR6 (computing only)
OPTIONAL ITEMS
PACKING LIST
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 2, 2024 DFI Inc.
ORDERING INFORMATION
Model Name
Part Number
Description
EC180-CS
750-EC18000-100G Fanless, CS181-H310, DC-in 19V, F/G SYSTEM RoHS
EC180-CS-9700-16G-A500
750-EC18000-200G Fanless, CS181-H310, i7-9700TE, DDR4 16GB x2, M.2 2280 512GB Gen4x4, MXM A500,
RTL8822CE, CAN module, DC-in 19V, F/G SYSTEM RoHS
EC180-CS-9700-16GB-A2000 750-EC18000-000G Fanless, CS181-H310, i7-9700TE, DDR4 16GB x2, M.2 2280 512GB Gen4x4, MXM A2000,
RTL8822CE, CAN module, DC-in 19V, F/G SYSTEM RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com