Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC300-CS Datasheet(PDF) 3 Page - DFI Inc

Part # EC300-CS
Description  8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC300-CS Datasheet(HTML) 3 Page - DFI Inc

  EC300-CS Datasheet HTML 1Page - DFI Inc EC300-CS Datasheet HTML 2Page - DFI Inc EC300-CS Datasheet HTML 3Page - DFI Inc EC300-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
8th/9th Generation Intel® Core™ Processors, LGA 1151
Intel® Core™ i7-9700TE 8C/8T 1.8GHz 12MB cache, TDP 35W
Intel® Core™ i7-8700T 6C/12T 2.4GHz 12MB cache, TDP 35W
Intel® Core™ i7-9700E 8C/8T 2.6GHz 12MB cache, TDP 65W
Intel® Core™ i5-9500TE 6C/6T 2.2GHz 9MB cache, TDP 35W
(Other CPU support upon request)
Chipset
Intel® Q370 Chipset
Memory
Dual Channel DDR4 2666/2400 MHz by SODIMMs up to 64GB
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
Display
1 x VGA (display out by DB15 connector)
1 x HDMI (with screw lock)
1 x DP++ (standard display port connector DIP type with screw lock) support NIVIDIA
Optimus technology
VGA: resolution up to 1920x1200@60Hz
HDMI: resolution up to 4096x2160@24Hz
DP++: resolution up to 4096x2304@60Hz
AI ACCELERATOR
Interface
MXM Type A, B, C on x16 PCIe 3.0
Controller
Nvidia Quadro embedded series
STORAGE
External
4 x Swappable 2.5” 7mm SSD storage bays with lock
Internal
1 x M.2 2280 M key supports SATA SSD
EXPANSION
Interface
1 x Half-size Mini PCIe for WiFi/BT modules, with PCIe x1 & USB signal
2 x Full-size Mini PCIe support PCIe x1 & USB 2.0 signal with SIM of each
(All SIM Cards can be external accessible with cover against vibration)
1 x M.2 B key supports 3042, 3052 devices or 5G module on PCIe x1, USB2.0, USB3.0 signal
with SIM slot (SIM card can be external accessible with cover)
1 x M.2 2280 M key supports 2242, 2260 & 2280 devices
(PCIe x4 & SATA signal, support boot up function)
AUDIO
Audio Codec
Realtek ALC888
Interface
1 x Mic-in
1 x Line-out
ETHERNET
Controller
5 x Intel® I210IT NIC (10/100/1000Mbps)
1 x Intel® I219LM with iAMT11.0 PCIe (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
Interface
2 x RJ45 GbE
4 x 802.3af 15W PoE ports
LED
Indicators
1 x Power LED (green)
1 x Storage LED (red)
1 x LED
FRONT I/O
PoE
4 x PoE 802.3af (15.4w) ports at RJ45 connectors (PSE side)
NOT support Wake on Lan
Ethernet
2 x GbE (RJ-45) support wake on Lan
Serial
2 x High speed full RS-232/422/485 (DB-9)
2 x RS-232/422/485 (onboard)
DIO
1 x 8-bit isolated DI port by DB-9 connector
1 x 8-bit isolated DO port by DB-9 connector
2KV isolation
Display
1 x VGA display out by DB-15 connector
USB
4 x USB 3.0 (type A)
Power-in
1 x 9-pin 5.0mm terminal block
REAR I/O
USB
2 x USB 2.0 (type A)
Display
1 x HDMI
1 x DP++
Audio
1 x Mic-in
1 x Line-out
by 3.5mm 3P phone jack
Buttons
1 x Power button
1 x Reset button
SIM
3 x SIM sockets (external accessible with cover)
Antenna Holes
7 x SMA type antenna holes for GNSS, WWAN/LTE MIMO, WLAN/ BT MIMO, 5G
WATCHDOG TIMER
Output & Interval
System reset, programmable via software from 1 to 255 seconds
SECURITY
TPM
TPM 2.0
POWER
Type
+12VDC
Connector
9-pin 5.0mm terminal block
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64 Bit
Linux
Ubuntu 18.04
MECHANISM
Construction
Metal + Aluminum
Mounting
Wall mount
Dimensions (W x H x D) 340.5 x 132 x 223mm (3U height, excluding rubber foot)
Weight
9.85 kg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com