Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC300-CS Datasheet(PDF) 1 Page - DFI Inc

Part # EC300-CS
Description  8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC300-CS Datasheet(HTML) 1 Page - DFI Inc

  EC300-CS Datasheet HTML 1Page - DFI Inc EC300-CS Datasheet HTML 2Page - DFI Inc EC300-CS Datasheet HTML 3Page - DFI Inc EC300-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8th/9th Gen Intel® CoreTM
AI-Enabled Embedded System
EC300-CS
KEY FEATURES
High Performance CPU
Intel® Coffee Lake Core i7 processor
AI Accelerated
Support up to 150W GPU MXM module
802.3af PoE Ports
4 x RJ45 type PoE ports at 15W
Support 5G Communication
Support M.2 B key 3042/3052 5G-NR module
Scalability
3 x miniPCIe and 2 x M.2 slots
Front View
PANEL
Rear View
Wide-Temperature
Up to -25°C~70°C operation without active fan
USB 2.0
GbE1~2
DP++
HDMI
USB 3.0 VGA
COM
DC-in +12V
POE
Power Button
DIO
Line-out Mic-in
SSD 1~4
Q370


Similar Part No. - EC300-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC300-CR4866 DFI-EC300-CR4866 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC300-CR4G65 DFI-EC300-CR4G65 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC300-CR6881 DFI-EC300-CR6881 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC300-CR6G60 DFI-EC300-CR6G60 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC300-CRA060 DFI-EC300-CRA060 Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC300-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
RC300-CS DFI-RC300-CS Datasheet
1Mb / 5P
AI-Enabled Railway Embedded System
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
logo
Advantech Co., Ltd.
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
ITA-460G ADVANTECH-ITA-460G Datasheet
569Kb / 2P
Water-resistant Fanless In-vehicle AI Computer with Intel® 8th/9th Gen Core™ i CPU
8-Apr-2022
logo
BCM Advanced Research.
EPC-WHL-DIN-RAIL BCM-EPC-WHL-DIN-RAIL Datasheet
487Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPS-CFS BCM-EPS-CFS Datasheet
406Kb / 1P
Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
2020/04/27
logo
AAEON Technology
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com