Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC300-CS Datasheet(PDF) 4 Page - DFI Inc

Part # EC300-CS
Description  8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC300-CS Datasheet(HTML) 4 Page - DFI Inc

  EC300-CS Datasheet HTML 1Page - DFI Inc EC300-CS Datasheet HTML 2Page - DFI Inc EC300-CS Datasheet HTML 3Page - DFI Inc EC300-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
•
1 EC300-CS system unit
•
1 Power connector
•
1 Mounting bracket
PACKING LIST
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 19, 2024 DFI Inc.
ENVIRONMENT
Operating Temperature
-25°C to 70°C with when CPU+GPU<100W, up to +85°C for 10min
-25°C to 55°C with when CPU+GPU<160W, up to +70°C for 10min
CPU & GPU will be throttling at high temperature
Storage Temperature
-40 to 85°C
Relative Humidity
10% to 90% (non-condensing)
STANDARDS
AND
CERTIFICATIONS
Shock (SSD/HDD)
IEC 60068-2-27
3 g, 11 ms, 18 Shock ±X, ±Y, ±Z (each axis 3 times)
MIL-STD-810G Method 516.6, Procedure 1, OP:10G 11ms, Non-OP: 40G 11ms
(Test by SSD, HDD is not support)
Vibration
IEC 60068-2-64
Frequency: 5 Hz to 500 Hz
Acceleration: 1 g rms
Test Axis: X, Y, Z axis
Test Time: 30 mins (Each axis), total 90 mins
MIL-STD-810G Method 514.6C-3, Category 4 Composite wheeled vehicle Table 514.6C-VI
IP rating
IP40
Certification
CE, FCC Class A, UKCA, RoHS
SPECIFICATION
Optional Items
Part Number
Description
2.5" SSD
785-S251TBG
2.5" SATA SSD, 1TB MLC, -40 to 85°C, RoHS
785-S25512G
2.5" SATA SSD, 512GB MLC, -40 to 85°C, RoHS
785-S25256G
2.5" SATA SSD, 256GB MLC, -40 to 85°C, RoHS
785-S25128G
2.5" SATA SSD, 128GB MLC, -40 to 85°C, RoH
M.2 SATA SSD
785-M2SATA64G
64GB, M.2 2280 SSD, SATA3 B+M Key, MLC, Wide Temp.
785-M2SATA128G
128GB, M.2 2280 SSD, SATA3 B+M Key, MLC, Wide Temp.
785-M2SATA256G
256GB, M.2 2280 SSD, SATA3 B+M Key, MLC, Wide Temp.
785-M2SATA512G
512GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K, 30u” -20~75°C
Memory
138-580004-104G
8GB DDR4 2666Mhz SO-DIMM 1Rx8 IND 1Gx8 CL19 1.2V
138-540002-121G
4GB DDR4 2666Mhz SO-DIMM, '-40 to 85C
WiFi/BT module kit
761-AP1235-000G
WiFi/Bluetooth Module ENL-R8852BE, antenna *2, 200mm SMA cables*2, Mini PCIe Bracket,
screws
LTE module kit
761-RC3000-001G
EG25GGB CAT4 miniPCIe module, antenna*2, 300mm SMA cables*2
5G module kit
761-RC3000-100G
RM520N-GL-M2 M.2 module, antenna*4, 184mm SMA cables *4
M12 Cable
A81-005038-054G
8-pin M12 X-coded to RJ45 PoE cable
CAN bus module
770-MPE21-100G
MPE-CAN2 MiniPCIe Full CAN Module Card Asssembly
Power Adapter
671-133001-000G
360W Meanwell GST360A,Input:85~264V,Output:12V/27.5A,220x95x46mm,L=1000mm, C8P
Power Cable
A81-004277-016G
HSG 2*4P/4.2mm L=100mm, UL1007, 18AWG
OPTIONAL ITEMS
COMPATIBLE MXM MODULES
GPU
MXM Type
Architecture
Memory
TFLOPS
TGP
T1000
A
Turing
4GB GDDR6
2.6
50W
RTX 3000
B
Turing
6GB GDDR6
5.3
80W
RTX A500
A
Ampere
4GB GDDR6
6.54
35W
RTX A1000
A
Ampere
4GB GDDR6
6.66
60W
RTX A2000
A
Ampere
8GB GDDR6 with ECC
8.64
60W
RTX A4500
B+
Ampere
16GB GDDR6 with ECC
17.66
115W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com