Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1908C18-T Datasheet(PDF) 7 Page - ams AG

Part # AS1908C18-T
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1908C18-T Datasheet(HTML) 7 Page - ams AG

Back Button AS1908C18-T Datasheet HTML 2Page - ams AG AS1908C18-T Datasheet HTML 3Page - ams AG AS1908C18-T Datasheet HTML 4Page - ams AG AS1908C18-T Datasheet HTML 5Page - ams AG AS1908C18-T Datasheet HTML 6Page - ams AG AS1908C18-T Datasheet HTML 7Page - ams AG AS1908C18-T Datasheet HTML 8Page - ams AG AS1908C18-T Datasheet HTML 9Page - ams AG AS1908C18-T Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.austriamicrosystems.com
Revision 1.02
7 - 10
AS1907/AS1908/AS1909
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8 Application Information
Negative Going VCC Transients
All devices are effectively immune to short-duration, negative-going VCC transients (glitches). The Maximum Transient
Duration vs. Reset Comparator Overdrive graph (see page 5) shows the maximum pulse width that a negative-going
VCC transient may typically have without issuing a reset signal. As the amplitude of the transient increases, the maxi-
mum allowable pulse width decreases.
Valid Reset Output
If VCC falls below 1V and approaches the minimum operating voltage of 0.7V, push/pull-type reset sinking/sourcing
capabilities greatly decrease. High-impedance CMOS-logic inputs connected to RESET can drift to indeterminate volt-
ages, although this is normally not a problem since most microprocessors do not operate at VCC < 1V.
For the AS1908, where RESET must be valid to VCC = 0, a 100k
Ω pull-up resistor between RESET and VCC (see Fig-
ure 1 on page 1) will hold RESET high if VCC falls below 0.7V.
For the AS1907, where RESET must be valid down to 0V, add a pull-down resistor between RESET and GND (see
Figure 1 on page 1) to eliminate stray leakage currents and hold RESET low. A pull-down resistor of 100k
Ω is large
enough not to load RESET yet small enough to pull it low.
Since the AS1909 has an open-drain, active-low output, it typically uses a pull-up resistor. With this device, RESET will
most likely not maintain an active condition, but will drift to a non-active level due to the pull-up resistor and the
reduced sinking capability of the open drain device. Therefore, this device is not recommended for applications where
the RESET pin is required to be valid down to VCC = 0.
Bi-Directional Microprocessor Interface
The RESET output on the AS1909 is open-drain, thus this device can interface easily with microprocessors that have
bi-directional reset pins, such as the Motorola 68HC11.
Connect the RESET output of this device directly to the microprocessor’s RESET I/O pin with a single pull-up resistor
to allow either device to assert reset (see Figure 1 on page 1).
Layout Considerations
The devices require proper layout and design procedures for optimum performance.
!
Short, wide traces should be used to reduce stray inductance and capacitance.
!
Bypass capacitors should be as close to the device as possible.
!
Large ground planes should be used wherever possible.
Table 5. Reset Thresholds
Reset Thresholds
TAMB = +25ºC
TAMB = -40 to +125ºC
Suffix
Min
Typ
Max
Min
Max
25
2.478
2.50
2.523
2.43
2.58
24
2.378
2.40
2.422
2.33
2.47
23
2.279
2.30
2.321
2.23
2.37
22
2.180
2.20
2.220
2.13
2.27
21
2.081
2.10
2.119
2.04
2.18
20
1.982
2.00
2.018
1.94
2.06
19
1.883
1.90
1.917
1.84
1.96
18
1.784
1.80
1.816
1.75
1.85
17
1.685
1.70
1.715
1.65
1.75
16
1.586
1.60
1.614
1.55
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com