Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1908C18-T Datasheet(PDF) 1 Page - ams AG

Part # AS1908C18-T
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1908C18-T Datasheet(HTML) 1 Page - ams AG

  AS1908C18-T Datasheet HTML 1Page - ams AG AS1908C18-T Datasheet HTML 2Page - ams AG AS1908C18-T Datasheet HTML 3Page - ams AG AS1908C18-T Datasheet HTML 4Page - ams AG AS1908C18-T Datasheet HTML 5Page - ams AG AS1908C18-T Datasheet HTML 6Page - ams AG AS1908C18-T Datasheet HTML 7Page - ams AG AS1908C18-T Datasheet HTML 8Page - ams AG AS1908C18-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AS1907, AS1908 , AS1909
Low-Vo ltage Microprocessor Reset Circuits
www.austriamicrosystems.com
Revision 1.02
1 - 10
Dat a Sh eet
1 General Description
The AS1907/AS1908/AS1909 microprocessor supervi-
sory circuits are ideal for monitoring the supply voltage
of digital systems and microprocessors.
The devices are designed to initiate a reset if the supply
voltage goes below a predefined threshold. The duration
of the reset is either 1.5, 30, or 150ms (typ.) after the
supply voltage has risen above the pre-set threshold
(see Ordering Information on page 9).
The devices are available as the standard products
listed in Table 1.
The reset thresholds are factory-set between 1.6 and
2.5V in steps of approximately 100mV (see Table 5 on
page 7).
The devices exhibit excellent reliability, and can reduce
system costs by eliminating the need for external com-
ponents. The extremely low current consumption makes
the devices ideal for use in portable applications.
The integrated reset comparator was specifically
designed to ignore fast transients on VCC.
The devices are available in a 3-pin SOT23 package.
Figure 1. Application Diagrams
2 Key Features
!
3 Output Types: Push/Pull RESET, Push Pull
RESETN, and Open Drain RESETN
!
Reset Threshold Range: 1.6 to 2.5V (~100mV incre-
ments)
!
RESET/RESETN:
- Valid to VCC = 0.7V (AS1907 and AS1908)
- Valid to VCC = 1.0V (AS1909)
!
Reset Pulse Widths: 1, 20, and 100ms
!
Supply Voltage Range: +0.7 to +3.6V
!
Supply Current Range: 2.6 to 7.0µA
!
Power Supply Transient Immunity
!
Requires No External Components
!
Operating Temperature Range: -40 to +125ºC
!
3-pin SOT23 Package
3 Applications
The devices are ideal for use in cordless and mobile
phones, MP3 players, CD and DVD players, PDAs,
handheld computers, digital cameras, hard drives, and
any other application where power supply supervisory
control is required.
Table 1. Standard Products
Model
Output Type
Reset Type
AS1907
Push/Pull
Active-Low
AS1908
Push/Pull
Active-High
AS1909
Open-Drain
Active-Low
2
RESET
AS1908
Micro-
processor
VCC
VCC
GND
1
VCC
3
VCC
3
RESET I/O
RESETN
2
AS1907
GND
1
VCC
3
GND
1
Micro-
processor
VCC
3
RESET I/O
GND
1
2
RESETN
AS1909
Micro-
processor
VCC
GND
1
VCC
3
VCC
3
RESET I/O
GND
1


Similar Part No. - AS1908C18-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1908C18-T AMSCO-AS1908C18-T Datasheet
341Kb / 10P
Low-Voltage Microprocessor Reset Circuits
AS1908C18-T AMSCO-AS1908C18-T Datasheet
122Kb / 10P
Low-Voltage Microprocessor Reset Circuits
More results

Similar Description - AS1908C18-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
logo
ams AG
AS1907 AMSCO-AS1907_01 Datasheet
341Kb / 10P
Low-Voltage Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
logo
ams AG
AS1907 AMSCO-AS1907_04 Datasheet
122Kb / 10P
Low-Voltage Microprocessor Reset Circuits
logo
Analog Devices
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com