Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1908C18-T Datasheet(PDF) 6 Page - ams AG

Part # AS1908C18-T
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1908C18-T Datasheet(HTML) 6 Page - ams AG

Back Button AS1908C18-T Datasheet HTML 2Page - ams AG AS1908C18-T Datasheet HTML 3Page - ams AG AS1908C18-T Datasheet HTML 4Page - ams AG AS1908C18-T Datasheet HTML 5Page - ams AG AS1908C18-T Datasheet HTML 6Page - ams AG AS1908C18-T Datasheet HTML 7Page - ams AG AS1908C18-T Datasheet HTML 8Page - ams AG AS1908C18-T Datasheet HTML 9Page - ams AG AS1908C18-T Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.austriamicrosystems.com
Revision 1.02
6 - 10
AS1907/AS1908/AS1909
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Output Voltage Low vs. VCC, ISINK = 50µA
Figure 10. Output Voltage Low vs. VCC, ISINK = 100µA
Figure 11. Output Voltage Low vs. VCC, ISINK = 500µA
0
10
20
30
40
50
60
0.7
1
1.3
1.6
1.9
2.2
VCC (V)
Temp = -40°C
Temp = +25°C
Temp = +85°C
Temp = +125°C
0
10
20
30
40
50
60
70
80
0.7
1
1.3
1.6
1.9
2.2
VCC (V)
Temp = -40°C
Temp = +25°C
Temp = +85°C
Temp = +125°C
0
50
100
150
200
250
0.7
1
1.3
1.6
1.9
2.2
VCC (V)
Temp = -40°C
Temp = +25°C
Temp = +85°C
Temp = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com