Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 4 Page - Silicon Supplies

Part # LM111
Description  Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM111 Datasheet(HTML) 4 Page - Silicon Supplies

  LM111 Datasheet HTML 1Page - Silicon Supplies LM111 Datasheet HTML 2Page - Silicon Supplies LM111 Datasheet HTML 3Page - Silicon Supplies LM111 Datasheet HTML 4Page - Silicon Supplies LM111 Datasheet HTML 5Page - Silicon Supplies LM111 Datasheet HTML 6Page - Silicon Supplies LM111 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
 
 
Differential Comparator – LM111
Rev 1.1
21/02/19
 
DC Electrical Characteristics (V
CC = +15V, VEE = -15V, TA = 25°C unless otherwise specified )
 
LIMITS
PARAMETER
SYMBOL
CONDITIONS
UNITS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
MIN
TYP
MAX
VIN ≤ -5mV
IOUT = 50mA
25°C
-
0.75
1.5
V
Saturation Voltage
VSAT
VCC ≥ 4.5V, VEE = 0,
VIN ≤ -6mV,
IOUT ≤8mA
Full
range
-
0.23
0.4
V
Strobe ON Current
4
ISTROBE
-
25°C
-
2
5
mA
VIN ≥ 5mV,
VOUT = 35V,
ISTROBE = 3mA
25°C
-
0.2
10
nA
Output Leakage
Current
IOL
VIN ≥ 5mV,
VOUT = 35V
Full
range
-
0.1
0.5
µA
 
4.
Do not short the strobe pin to ground; it should be current driven at 3.0 mA to 5.0 mA
Schematic
Page 4 of 7 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com