Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 3 Page - Silicon Supplies

Part # LM111
Description  Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM111 Datasheet(HTML) 3 Page - Silicon Supplies

  LM111 Datasheet HTML 1Page - Silicon Supplies LM111 Datasheet HTML 2Page - Silicon Supplies LM111 Datasheet HTML 3Page - Silicon Supplies LM111 Datasheet HTML 4Page - Silicon Supplies LM111 Datasheet HTML 5Page - Silicon Supplies LM111 Datasheet HTML 6Page - Silicon Supplies LM111 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Differential Comparator – LM111
Rev 1.1
21/02/19
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VS
±3.5 or +5
±15
V
Operating Temperature
TA
-55
+125
°C
Recommended Operating Conditions
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Total Supply Voltage
VCC + |VEE|
36
V
Output to Negative Supply Voltage
VO - VEE
50
V
Ground to Negative Supply Voltage
VEE
30
V
Input Differential Voltage
VID
±30
V
Input Voltage
2
VIN
±15
V
Voltage at Strobe Pin
-
VCC to VCC-5
V
Junction Temperature
TJ
175
°C
Power Dissipation in Still Air
PD
810
mW
 
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
25°C
-
0.7
3
Input Offset Voltage
3
VIO
RS ≤ 50kΩ
Full range
-
-
4
mV
25°C
-
60
100
Input Bias Current
IB
RS ≤ 50kΩ
Full range
-
-
150
nA
25°C
-
4
10
Input Offset Current
3
IIO
-
Full range
-
-
20
nA
25°C
Input Common Mode
Voltage Range
VICR
-
Full range
-14.5
+13.8,-14.7
+13
V
Positive Supply
Current
ICC
-
-
5.1
6
Negative Supply
Current
IEE
-
-
4.1
5
mA
Voltage Gain
AV
-
40
200
-
V/mV
Response Time
tre
100 mV input step
with 5 mV overdrive
-
200
-
ns
 
3.
The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1.0
mA load. Thus, these parameters define an error band and take into account the “worst case” effects of voltage gain and input impedance.
DC Electrical Characteristics (V
CC = +15V, VEE = -15V, TA = 25°C unless otherwise specified)
1.
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
2.
This rating applies for ±15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30V below the positive supply, whichever is less.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com