Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM111
Description  Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM111 Datasheet(HTML) 2 Page - Silicon Supplies

  LM111 Datasheet HTML 1Page - Silicon Supplies LM111 Datasheet HTML 2Page - Silicon Supplies LM111 Datasheet HTML 3Page - Silicon Supplies LM111 Datasheet HTML 4Page - Silicon Supplies LM111 Datasheet HTML 5Page - Silicon Supplies LM111 Datasheet HTML 6Page - Silicon Supplies LM111 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Differential Comparator – LM111
Rev 1.1
21/02/19
COORDINATES
(µm)
PAD
FUNCTION
X
Y
1
GND
424
461
2
INPUT +
-574
469
3
INPUT -
-724
376
4
VEE
-724
-319
5
BALANCE
-724
-469
6
BAL/STROBE
-69
-463
7
OUTPUT
298
-469
8
OUTPUT
724
455
9
VCC
574
461
CHIP BACK POTENTIAL IS FLOAT
 
Pad Layout and Functions
Typical Configurations
1590µm (62.59 mils)
Split Power Supply with Offset Balance
Single Supply
Ground Referred Load
(Input polarity reversed if GND is output)
Load Referred to Negative Supply
(Input polarity reversed if GND is output)
Load Referred to Positive Supply
Strobe Capability
NOTE: EITHER PAD 7 OR PAD 8 CAN BE USED AS OUTPUT FOR FLEXIBLITY IN LAYOUT
Die id
3
7
6
5
4
8
9
1
2
DIE ID
(0,0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com