Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAS16
Description  SILICON PLANAR SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS16 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAS16 Datasheet HTML 1Page - TRANSYS Electronics Limited BAS16 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON PLANAR SWITCHING DIODE
BAS16
SOT-23
Formed SMD Package
Marking
BAS16 = A6
High-Speed Switching Diodes
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Continuous Reverse Voltage
VR
V
Repetitive Peak Reverse Voltage
VRRM
V
Forward Current (DC)
IF
mA
Repetitive Peak Forward Current
IFRM
mA
Non Repetitive Peak Forward Current
(Per Crystal)
t=1
µµs
IFSM
A
t=1ms
IFSM
A
t=1s
IFSM
A
Power Dissipation @ Ta=25ºC
PD
W
Storage Temperature Range
Tstg
oC
Junction Temperature
Tj
oC
Thermal Resistance
Junction to Ambient in free fair
Rth (j-a)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF = 1 mA
0.715
V
IF = 10 mA
0.855
V
IF = 50 mA
1.0
V
IF = 150 mA
1.25
V
Reverse Voltage Leakage Current
IR
VR=25V, Tj=150ºC
30
µA
VR=75V
1.0
µA
VR=75V, Tj=150ºC
50
µA
Diode Capacitance
Cd
VR=0V, f=1MHz
2.0
pF
Forward Recovery Voltage When
Switched to
Vfr
IF=10mA, tP=20ns
1.75
V
Reverse Recovery Time When Switched
from
trr
IF=10mA to
IR=60mA, RL100 Ω,
measured at IR=1mA
4.0
ns
Recovery Charge When Switched from
QS
IF=10mA to VR=5V,
RL=100 Ω,
45
pC
1.0
500
VALUE
75
85
150
- 55 to +150
0.5
215
500
0.25
4.0
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
1
2
Transys
Electronics
LI M ITE D


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
IN4148 SSE-IN4148 Datasheet
15Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
XR-85 SSE-XR-85 Datasheet
12Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Continental Device Indi...
CMBD4448 CDIL-CMBD4448 Datasheet
124Kb / 3P
SILICON PLANAR SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99 TEL-BAL99 Datasheet
94Kb / 2P
SILICON PLANAR SWITCHING DIODE
logo
Kingtronics Internation...
1N4148WS KINGTRONICS-1N4148WS Datasheet
269Kb / 3P
Silicon Epitaxial Planar Switching Diode
1N4148WT KINGTRONICS-1N4148WT Datasheet
289Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Continental Device Indi...
BAS116 CDIL-BAS116 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAS16WS CDIL-BAS16WS Datasheet
192Kb / 3P
SILICON EXPITAXIAL PLANAR SWITCHING DIODE
BAS16 CDIL-BAS16 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAL99 CDIL-BAL99 Datasheet
195Kb / 3P
SILICON PLANAR SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com