Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICD970 Datasheet(PDF) 2 Page - DFI Inc

Part # ICD970
Description  3rd Gen Intel® Xeon® Processor D-1700 Family COM Express® Basic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ICD970 Datasheet(HTML) 2 Page - DFI Inc

  ICD970 Datasheet HTML 1Page - DFI Inc ICD970 Datasheet HTML 2Page - DFI Inc ICD970 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
MECHANICAL DRAWING
95.00
0.00
4.00
4.00
91.00
91.00
54.98
BLOCK DIAGRAM
Intel
Ice Lake-D
LCC
Processor
Channel A
DDR4 2666MHz
SODIMM (ECC)
USB 3.0 4x
PCIe bucket 1: L6 ~ L7
10G KR 4x
PCIe bucket 3/4: L16 ~ 31
SVID
Intel VR13.0
Channel B
DDR4 2666MHz
SODIMM (ECC)
PCIe bucket 1: L0 ~ L5
PCIe bucket 2: L8 ~ L15
MDI
Intel® I210IT
PCIe Gen3
SATA 3.0 2x
USB 2.0 4x
LPC
SLP/LID
WDT
Fan PWM/TACH_IN
Serial Port 2x
I2C Bus
Backup
EEPROM
SMBus
Controller
8-bit DIO
LSF0204
Level Shift
4-bit GPIO
4-bit GPIO
NC-SI
SPI
SPI BIOS
TPM 2.0
SLB9670



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com