Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICD970 Datasheet(PDF) 3 Page - DFI Inc

Part # ICD970
Description  3rd Gen Intel® Xeon® Processor D-1700 Family COM Express® Basic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ICD970 Datasheet(HTML) 3 Page - DFI Inc

  ICD970 Datasheet HTML 1Page - DFI Inc ICD970 Datasheet HTML 2Page - DFI Inc ICD970 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
CPU
CPU TDP
eMMC
TPM 2.0
Thermal
Operating Temp.
ICD970-TS-1746
770-ICD9701-000G
D-1746TER
67W
16GB
Yes
Cooler
-40~85°C
ICD970-BS-1712
770-ICD9701-100G
D-1712TR
40W
16GB
Yes
Cooler
0~60°C
ICD970-TS-1715
770-ICD9701-200G
D-1715TER
50W
16GB
Yes
Cooler
-40~85°C
‧
1 ICD970 board
‧
1 Cooler (Height: 47.80 mm)
TBD (0 to 60°C)
TBD (-40 to 85°C)
‧
COM336 carrier board kit
770-COM3361-000G
‧
Heat spreader
A71-808352-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © May 26, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
3rd Gen Intel® Xeon® Scalable Processors D-1700 Family
Intel® Xeon® D-1746TER Processor, 10 Cores, 15MB Cache, 2.0GHz, 67W
Intel® Xeon® D-1735TR Processor, 8 Cores, 15MB Cache, 2.2GHz, 59W
Intel® Xeon® D-1732TE Processor, 8 Cores, 15MB Cache, 1.9GHz, 52W
Intel® Xeon® D-1715TER Processor, 4 Cores, 10MB Cache, 2.4GHz, 50W
Intel® Xeon® D-1712TR Processor, 4 Cores, 10MB Cache, 2.0GHz, 40W
Memory
Default 2 260-pin DDR4 2666 SO-DIMM, dual channel mode up to 64GB
3rd DIMM by request
(SDPC mode by request to support DDR4 2933MHz)
BIOS
Insyde SPI 512Mbit
EXPANSION
Interface
Default:
B1: 1 x PCIe x8 or 2 x PCIe x4 or 4x PCIe x2 (Gen 3)
B2: 1 x PCIe x8 or 2 x PCIe x4 or 4x PCIe x2 (Gen 3)
B3/B4: 1 x PCIe x16 or 2 x PCIe x8 or 4x PCIe x4 (Gen 4)
1 x LPC
1 x I2C
1 x SMBus
2 x UART (TX/RX)
ETHERNET
Controller
Supports up to 4 x 10GBASE-KR interfaces and max up to 4 x 10GbE MAC ports
(maximum bandwidth 40Gb by activating the 4 x 10GbE at the same time)
1 x Intel® I210AT (10/100/1000Mbps) (0 to 60°C) or
1 x Intel® I210IT (10/100/1000Mbps) (-40 to 85°C)
I/O
USB
4 x USB 3.0
4 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO (4 in, 4 out)
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Default TPM2.0, fTPM by request
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Consumption
Typical: 71.36W
Max: 72.36W
OS SUPPORT
Windows
Windows Server 2019, 2022
Linux
Ubuntu 20.04, CentOS 7.5
ENVIRONMENT
Temperature
Operating: 0 to 60°C, -40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
277,731hrs @25°C; 144,676hrs @45°C; 81,589hrs @60°C; 55,811hrs @70°C; 37,526 @85°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANISM
Dimensions
COM Express® Basic
95mm (3.74") x 125mm (4.9")
Compliance
PICMG COM Express® R3.0, Type 7
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com