Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICD970 Datasheet(PDF) 1 Page - DFI Inc

Part # ICD970
Description  3rd Gen Intel® Xeon® Processor D-1700 Family COM Express® Basic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ICD970 Datasheet(HTML) 1 Page - DFI Inc

  ICD970 Datasheet HTML 1Page - DFI Inc ICD970 Datasheet HTML 2Page - DFI Inc ICD970 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3rd Gen Intel® Xeon® Processor D-1700 Family
COM Express® Basic
KEY FEATURES
DDR4
Extended
Temperature
10GBASE-KR
Multiple
Expansion
Rich I/O
Default 2 260-pin DDR4
2666 SO-DIMM, dual
channel mode up to
64GB
3rd DIMM by request
(SDPC mode by request to
support DDR4 2933MHz)
Support extended
operating temperature:
-40 to 85°C
Support up to 4 x
10GbE Mac ports
1 PCIe x16 (Gen4),
2 PCIe x8 (Gen3),
1 SMBus, 1 I2C, 1 LPC,
2 UART (TX/RX)
2 Intel GbE, 4 USB 3.0,
4 USB 2.0, 2 SATA 3.0
Intel® Xeon® Processor
D-1700 Family
DDR4 2933MHz SODIMM
ICD970
Top View
Bottom View
Server


Similar Part No. - ICD970

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
ICD ISABELLENHUETTE-ICD Datasheet
1Mb / 27P
Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-100-CAN1-12 ISABELLENHUETTE-ICD-A-100-CAN1-12 Datasheet
1Mb / 27P
Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-300-CAN2-12 ISABELLENHUETTE-ICD-A-300-CAN2-12 Datasheet
1Mb / 27P
Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-500-CAN1-12 ISABELLENHUETTE-ICD-A-500-CAN1-12 Datasheet
1Mb / 27P
Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
ICD-A-500-CAN2-12 ISABELLENHUETTE-ICD-A-500-CAN2-12 Datasheet
1Mb / 27P
Current Sensor ±100A 1 Channel Current Sensor Bidirectional Module
Version 1.3
More results

Similar Description - ICD970

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CR960-QM77 DFI-CR960-QM77 Datasheet
945Kb / 2P
3rd Gen Intel Core COM Express Basic
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
logo
Advantech Co., Ltd.
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
MIC-6315 ADVANTECH-MIC-6315 Datasheet
488Kb / 2P
OpenVPX CPU Blade with Intel® Xeon® D-1500 family Processor
17-Jun-2019
SKY-7232D3E ADVANTECH-SKY-7232D3E Datasheet
469Kb / 2P
2U HCI Server with 3rd Gen. Intel® Xeon® Scalable Processors
3-Mar-2023
SKY-7632D ADVANTECH-SKY-7632D Datasheet
813Kb / 2P
2U Edge Sever with 3rd Gen. Intel® Xeon® Scalable Processors
5-Jul-2022
logo
AAEON Technology
COM-ICDB7 AAEON-COM-ICDB7 Datasheet
427Kb / 2P
COM Express Type 7 with Intel® Xeon® D Processors
2023/05/08
COM-KBHB6 AAEON-COM-KBHB6 Datasheet
604Kb / 2P
COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
2022/09/01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com