Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX1264 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX1264
Description  13.5Gbps DP2.1 and eDP1.5 Linear ReDriver with AUX Listener
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX1264 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX1264 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
August 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX1264
Document Number DS45501 Rev 4-2
www.diodes.com
13.5Gbps DP2.1 and eDP1.5 Linear ReDriver with AUX Listener
Orderable Part Number
Package
Code
Package Description
PI2DPX1264XUAEX
XUA
32-Pin, 2.85mm x 4.5mm
(X2QFN)
Notes:
• E = Pb-free and Green
•
PI2DPX1264
Linear
ReDriver
Figure 1. System with DisplayPort Connector Application
A Product Line of
Diodes Incorporated
PI2DPX1264
b
P
Lead-free Green
Ordering Information
Features
4-Channel Configuration with 13.5Gbps Linear ReDriver
Supports eDP1.5/DP2.1 and the Channel Speed Up to 13.5Gbps
DP2.1 (UHBR13.5)
Ultra-Low Latency (<300ps) for Better Interoperability and
Data Throughput
Individual Controls on CTLE Gain and Flat Gain
Integrated AUX Listener for Power Management and Speed
Detect
Auto Selects Per-Defined EQ/FG Setting per Data Rate for SI
Optimization
I2C Slave Supports with Speed Up to 1MHz
Supports DisplayPort AUX-Less Advance Link Power Management
(ALPM)
Low Active Current Consumption
4-lane DP : 160mA (typical)
2-lane DP : 80mA (typical)
1-lane DP : 40mA (typical)
Supports DisplayPort Dual Mode
Interchangeable Input Channel Polarity
Single Power Supply: 1.8V ±5%
Industrial Temperature Support: -40°C to +85°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
Tiny 32-pin X2QFN 2.85mm x 4.5mm (0.4 mm pitch)
Description
The PI2DPX1264 is a non-blocking DisplayPort 2.1/eDP1.5 lin-
ear ReDriver™ with four channels operated by 1.8V power supply.
The device supports UHBR13.5 (13.5Gbps), UHBR10 (10Gbps),
HBR3 (8.1Gbps), HBR2 (5.4Gbps), and RBR under various Dis-
playPort speeds. With the on-chip AUX channel listener, the
device can automatically monitor the system operation status to
enter power saving mode via the DPCD register traffic check and
activate the negotiated lane count for operation. and the AUX
Listener also monitors the link speed rate to auto select Pre-de-
fined EQ and FG for SI optimization.
The non-blocking linear ReDriver design ensures the differential
signals conveying pre-shoot and de-emphasis equalization wave-
form messages from transmitter side to receiver side, which helps
optimize the overall channel link adjustment conducted by the
system transmitter and receiver with DFE. The CTLE equaliz-
ers are implemented at the inputs of the ReDriver to compensate
the channel loss and reduce the ISI jitters. The programmable flat
gain adjustments support the eye diagram opening.
The CTLE EQ gains and flat gains are individually programma-
ble on each channel for flexible tuning via I2C register settings.
Application(s)
Laptop PCs
Desktop PCs
Gaming Consoles
VR/AR Goggles
Active Cables
Embedded Display Panels
Notes:
1.


Similar Part No. - PI2DPX1264

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX1264 DIODES-PI2DPX1264 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
PI2DPX1264XUAEX DIODES-PI2DPX1264XUAEX Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
PI2DPX1264 DIODES-PI2DPX1264_V01 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
More results

Similar Description - PI2DPX1264

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com