Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201809 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2201809
Description  ME-IO 18,8 B/FE 9U TBUS 7035 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201809 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2201809 Datasheet HTML 1Page - PHOENIX CONTACT 2201809 Datasheet HTML 2Page - PHOENIX CONTACT 2201809 Datasheet HTML 3Page - PHOENIX CONTACT 2201809 Datasheet HTML 4Page - PHOENIX CONTACT 2201809 Datasheet HTML 5Page - PHOENIX CONTACT 2201809 Datasheet HTML 6Page - PHOENIX CONTACT 2201809 Datasheet HTML 7Page - PHOENIX CONTACT 2201809 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Reduction factor
1
Mounting position
vertical
Power dissipation
2.8 W
Power dissipation single housing for 30 °C
Ambient temperature
30 °C
Reduction factor
0.91
Mounting position
vertical
Power dissipation
2.5 W
Power dissipation single housing for 40 °C
Ambient temperature
40 °C
Reduction factor
0.81
Mounting position
vertical
Power dissipation
2.3 W
Power dissipation single housing for 50 °C
Ambient temperature
50 °C
Reduction factor
0.7
Mounting position
vertical
Power dissipation
2 W
Power dissipation single housing for 60 °C
Ambient temperature
60 °C
Reduction factor
0.57
Mounting position
vertical
Power dissipation
1.6 W
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Glow-wire test
Specification
IEC 60695-2-11:2014-02
Temperature
850 °C
Time of exposure
30 s
Thermal stability / ball thrust test
Specification
IEC 60695-10-2:2014-02
Temperature
125 °C
Test duration
1 h
Force
20 N
ME-IO 18,8 B/FE 9U TBUS 7035 - Mounting base
housing
2201809
https://www.phoenixcontact.com/us/products/2201809
Feb 21, 2025, 12:13 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com