Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201809 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2201809
Description  ME-IO 18,8 B/FE 9U TBUS 7035 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201809 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2201809 Datasheet HTML 1Page - PHOENIX CONTACT 2201809 Datasheet HTML 2Page - PHOENIX CONTACT 2201809 Datasheet HTML 3Page - PHOENIX CONTACT 2201809 Datasheet HTML 4Page - PHOENIX CONTACT 2201809 Datasheet HTML 5Page - PHOENIX CONTACT 2201809 Datasheet HTML 6Page - PHOENIX CONTACT 2201809 Datasheet HTML 7Page - PHOENIX CONTACT 2201809 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Mechanical strength / tumbling barrel
Specification
IEC 60068-2-31:2008-05
Height of fall
50 cm
Frequency
50
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Semi-sinusoidal
Acceleration
15g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Test for substances that would hinder coating with paint or varnish
Specification
VDMA 24364:2018-05
Degree of protection (IP code)
Specification
IEC 60529:1989-11 + AMD 1:1999-11 + AMD 2:2013-08
Ambient conditions
Max. IP code to attain
IP20
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Ambient temperature (storage/transport)
-40 °C ... 55 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Relative humidity (storage/transport)
80 %
PCB data
Number of PCB holders
1
Type of PCB mount
Latching
Total PCB surface
5900 mm²
Thickness of the PCB
1.4 mm ... 1.8 mm
Mounting
Mounting type
DIN rail mounting
Packaging specifications
Type of packaging
packed in cardboard
Outer packaging type
Carton
ME-IO 18,8 B/FE 9U TBUS 7035 - Mounting base
housing
2201809
https://www.phoenixcontact.com/us/products/2201809
Feb 21, 2025, 12:13 AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com