Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201809 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201809
Description  ME-IO 18,8 B/FE 9U TBUS 7035 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201809 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201809 Datasheet HTML 1Page - PHOENIX CONTACT 2201809 Datasheet HTML 2Page - PHOENIX CONTACT 2201809 Datasheet HTML 3Page - PHOENIX CONTACT 2201809 Datasheet HTML 4Page - PHOENIX CONTACT 2201809 Datasheet HTML 5Page - PHOENIX CONTACT 2201809 Datasheet HTML 6Page - PHOENIX CONTACT 2201809 Datasheet HTML 7Page - PHOENIX CONTACT 2201809 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Lower housing part, with metal foot catch, with functional ground contact, with
vents, width: 18.9 mm, height: 109.6 mm, depth: 64.3 mm, color: light gray (similar RAL 7035),
cross connection: DIN rail connector (optional), number of positions cross connector: 5
Your advantages
Easy, tool-free mounting
•
Optional DIN rail connector for easy module-to-module communication
•
Lock and Release principle for automatic latching and intuitive release of the front connection plug
•
Plastic in accordance with UL94 V0: for more rigorous flammability requirements
•
Integrated FE contact for simple electromagnetically compatible installation
•
Commercial data
Item number
2201809
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
AC15
Product key
ACHEBA
GTIN
4046356911702
Weight per piece (including packing)
32.21 g
Weight per piece (excluding packing)
26.031 g
Customs tariff number
85389099
Country of origin
DE
ME-IO 18,8 B/FE 9U TBUS 7035 - Mounting base
housing
2201809
https://www.phoenixcontact.com/us/products/2201809
Feb 21, 2025, 12:13 AM
Page 1 (8)


Similar Part No. - 2201809

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201800 PHOENIX-2201800 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201801 PHOENIX-2201801 Datasheet
109Kb / 6P
Housing cover - ME-IO 18,8 C 3U S1 7035
09/12/2020
2201801 PHOENIX-2201801 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201802 PHOENIX-2201802 Datasheet
1Mb / 27P
Component housing
2015-11-27
More results

Similar Description - 2201809

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2202581 PHOENIX-2202581 Datasheet
55Kb / 2P
Housing cover - ME-IO 18,8 C 2U MC18 7035
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
2202626 PHOENIX-2202626 Datasheet
109Kb / 4P
Housing cover - ME-IO 18,8 LC 10U 7035
11/25/2021
1103440 PHOENIX-1103440 Datasheet
2Mb / 75P
Mounting base housing - ME-IO 18,8 EB 10U TBUS7035
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com