Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPP1731-300G Datasheet(PDF) 3 Page - DFI Inc

Part # 770-RPP1731-300G
Description  13th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPP1731-300G Datasheet(HTML) 3 Page - DFI Inc

  770-RPP1731-300G Datasheet HTML 1Page - DFI Inc 770-RPP1731-300G Datasheet HTML 2Page - DFI Inc 770-RPP1731-300G Datasheet HTML 3Page - DFI Inc 770-RPP1731-300G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
RPP171
RPP173
SYSTEM
Processor
13th Generation Intel® Core™ Processors
Intel® Core™ i7-1365UE (10 Cores, 12M Cache, up to 4.9 GHz); 15~28W
Intel® Core™ i5-1345UE (10 Cores, 12M Cache, up to 4.6 GHz); 15~28W
Intel® Core™ i3-1315UE (6 Cores, 10M Cache, up to 4.5 GHz); 15~28W
Intel® Processor U300E (Formerly Pentium) (5 Cores, 24M Cache, up to 4.3 GHz); 15~28W
Memory
2x 262-pin SODIMM up to 64GB
Dual Channel DDR5 5200MHz
2x 262-pin SODIMM up to 64GB
Dual Channel DDR5 5200MHz
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® Iris® Xe Graphics for i7/i5 CPU
Intel® UHD Graphics for i3 CPU
Intel® Iris® Xe Graphics for i7/i5 CPU
Intel® UHD Graphics for i3 CPU
Feature
OpenGL 4.6, DirectX 12.1, OpenCL 3.0,
OpenGL 4.6
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265,
VP8, VP9
OpenGL 4.6, DirectX 12.1, OpenCL 3.0,
OpenGL 4.6
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265,
VP8, VP9
Display
2 x HDMI/DP Combo (Auto detect)
HDMI: resolution up to 4096x2160 @30Hz
DP: resolution up to 4096x2304 @60Hz
USB Type C (DP alt-mode/USB3.2 Gen2/PD 15W):
resolution up to 4096x2304 @60Hz (HBR2)
2 x HDMI/DP Combo (Auto detect)
HDMI: resolution up to 4096x2160 @30Hz
DP: resolution up to 4096x2304 @60Hz
USB Type C (DP alt-mode/USB3.2 Gen2/PD 15W):
resolution up to 4096x2304 @60Hz (HBR2)
Quad
Displays
HDMI + DP + USB Type C (DP alt-mode/
USB3.2 Gen2/PD 15W) + M2A-Display (optional)
HDMI + DP + USB Type C (DP alt-mode/
USB3.2 Gen2/PD 15W) + M2A-Display (optional)
EXPANSION
Interface
1 x PCIe Gen 4 x4
1 x M.2 2242/2280 M Key (PCIE Gen4x4,
support NVMe )
1 x M.2 2242/3042/3052 B Key (PCIE Gen3x1,
USB3.2 Gen2, USB2.0, selected by BIOS)
1 x M.2 2230 E Key (PCIE Gen3x1 and USB2.0,
support Intel® CNVi)
1 x M.2 3042 A Key support DFI M2A-display
module (opt. MOQ required)
1 x PCIe Gen 4 x4
1 x M.2 2242/2280 M Key (PCIE Gen4x4,
support NVMe )
1 x M.2 2242/3042/3052 B Key (PCIE Gen3x1,
USB3.2 Gen2, USB2.0, selected by BIOS)
1 x M.2 2230 E Key (PCIE Gen3x1 and USB2.0,
support Intel® CNVi)
1 x M.2 3042 A Key support DFI M2A-display
module (opt. MOQ required)
AUDIO
Audio Codec
Realtek ALC888S
Realtek ALC888S
ETHERNET
Controller
LAN1/2: i226V/IT (10/100/1000/2.5G speeds)
LAN3(vPro): i226LM/IT (10/100/1000/2.5G
speeds)
LAN1/2: i226V/IT (10/100/1000/2.5G speeds)
LAN3(vPro): i226LM/IT (10/100/1000/2.5G
speeds)
REAR I/O
Ethernet
Up to 3 x 2.5GHz RJ45 (LAN 3 colayout with internal
vertical RJ45 by option)
Up to 3 x 2.5GHz RJ45 (LAN 3 colayout with internal
vertical RJ45 by option)
USB
4 x USB 3.2 Gen2
1 x USB Type C (DP alt-mode/USB3.2 Gen2/PD
15W)
4 x USB 3.2 Gen2
1 x USB Type C (DP alt-mode/USB3.2 Gen2/PD
15W)
Display
2 x DP/HDMI combo (Auto detect)
2 x DP/HDMI combo (Auto detect)
INTERNAL I/O
Serial
2 x RS-232/422/485 (2.0mm pitch)
1 x RS-232 with power (2.0mm pitch)
1 x RS-232 (2.0mm pitch) colay with DIO-4bit (JP1)
2 x RS-232/422/485 (2.0mm pitch)
1 x RS-232 with power (2.0mm pitch)
1 x RS-232 (2.0mm pitch) colay with DIO-4bit (JP1)
USB
4 x USB 2.0 (2.0mm pitch)
4 x USB 2.0 (2.0mm pitch)
Display
1 x M.2 A key, support M2A-Display (eDP/LVDS/
VGA/HDMI/DP) by optional
1 x M.2 A key, support M2A-Display (eDP/LVDS/
VGA/HDMI/DP) by optional
Audio
1 x Line-out/Mic-in
1 x Line-out/Mic-in
SATA
2 x SATA 3.0
2 x SATA 3.0
DIO
1 x 8-bit DIO
1 x 8-bit DIO
SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from 1
to 255 Seconds
System Reset, Programmable via Software from 1
to 255 Seconds
SECURITY
TPM
dTPM (default)
fTPM (option)
dTPM (default)
fTPM (option)
POWER
Type
Single 12VDC
Wide Range 9~36VDC
Connector
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straightl Type Connector (4-pin)
(available upon request)
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straightl Type Connector (4-pin)
(available upon request)
Consumption
Idle: RPP171-IE-1370PRE 28W: 12V@ 0.81A
(9.72W)
Max: RPP171-IE-1370PRE 28W: 12V@ 8.83A
(105.96W)
Idle: RPP171-IE-1365UE 15W: 12V@ 0.75 (9W)
Max: RPP171-IE-1365UE 15W: 12V@ 8.83 (99.96W)
Idle: RPP171-IE-1370PRE 28W: 12V@ 0.81A
(9.72W)
Max: RPP171-IE-1370PRE 28W: 12V@ 8.83A
(105.96W)
Idle: RPP171-IE-1365UE 15W: 12V@ 0.75 (9W)
Max: RPP171-IE-1365UE 15W: 12V@ 8.83 (99.96W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows IoT Enterprise 10 LTSB
Windows 11
Windows IoT Enterprise 10 LTSB
Windows 11
Linux
Linux
Linux



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com