Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPP1731-300G Datasheet(PDF) 1 Page - DFI Inc

Part # 770-RPP1731-300G
Description  13th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPP1731-300G Datasheet(HTML) 1 Page - DFI Inc

  770-RPP1731-300G Datasheet HTML 1Page - DFI Inc 770-RPP1731-300G Datasheet HTML 2Page - DFI Inc 770-RPP1731-300G Datasheet HTML 3Page - DFI Inc 770-RPP1731-300G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
13th Gen Intel® CoreTM
Mini-ITX
KEY FEATURES
DDR5
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
2 DDR5 SODIMM up to
64GB
Supports 4K resolution
2 DP/HDMI + 1 USB
Type C + 1 M2A Display
(eDP/LVDS/VGA/
HDMI/DP)
1 PCIe x4, 1 M.2 M key,
1 M.2 B key, 1 M.2 E
Key, 1 M.2 A Key
Up to 3 Intel 2.5GbE,
4 USB 3.2 Gen2, 1 USB
Type C and 4 USB2.0
headers
RPP171/RPP173
ULT
Top View
Bottom View
Front Audio
M.2 A Key
SATA Power
LVDS Inverter Power(M2A-Display)
8-bit DIO
CPU Fan
SMBus
DDR5 SODIMM
M.2 A Key Panel Power
SIM Slot
13th Gen Intel® Core™ Processors
SPI
USB 2.0
SATA 3.0
SATA Power
COM 1~4
M.2 B Key
M.2 M Key
M.2 E Key
PCIe Gen 4 x4
USB 2.0
Front Panel
System Fan
DP/HDMI 2.5G LAN 1/2/3
USB 3.2
Gen2
DC-in
USB Type C
1
1
2
2
3
3


Similar Part No. - 770-RPP1731-300G

ManufacturerPart #DatasheetDescription
logo
DFI Inc
770-RPP0511-000G DFI-770-RPP0511-000G Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
770-RPP0511-100G DFI-770-RPP0511-100G Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
770-RPP0511-200G DFI-770-RPP0511-200G Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
770-RPP0511-300G DFI-770-RPP0511-300G Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
770-RPP0511-400G DFI-770-RPP0511-400G Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
More results

Similar Description - 770-RPP1731-300G

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BM-0942 PROTECHSYSTEMS-BM-0942 Datasheet
664Kb / 2P
Mini ITX MB supports Intel 4th Gen.
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com