Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPP1731-300G Datasheet(PDF) 4 Page - DFI Inc

Part # 770-RPP1731-300G
Description  13th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPP1731-300G Datasheet(HTML) 4 Page - DFI Inc

  770-RPP1731-300G Datasheet HTML 1Page - DFI Inc 770-RPP1731-300G Datasheet HTML 2Page - DFI Inc 770-RPP1731-300G Datasheet HTML 3Page - DFI Inc 770-RPP1731-300G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 14, 2024 DFI Inc.
PACKING LIST
ORDERING INFORMATION
Model Name
P/N
Description
SATA Cable
A81-002144-018G
SATA 7+15P to SATA 7P, Length: 300mm
COM Port Cable
A81-015115-018G
COM Port D-Sub 9P Cable, Length: 250mm
USB 2.0 cable
A81-001083-016G
2-port USB2.0 w/bracket, Length: 300mm
Audio cable
A81-022036-016G
Line-out/Mic-in, Length: 110m
Front Panel cable
A81-009615-016G
Length: 270mm
·
1 RPP171/RPP173 motherboard
·
1 COM port cable with bracket
(Length: 250mm, 1 x COM ports)
A81-015115-018G
·
1 Serial ATA data with power cable
(Length: 300mm)
A81-002144-018G
·
4 M.2 screw/standoff
·
1 I/O Shield
- (2 LAN, Regular type) (For Sample)
- (3 LAN, Regular type) (For Sample)
- (2 LAN, Thin type) (For Sample)
- (3 LAN, Thin type) (For Sample)
A49-RPP171-010G
A49-RPP171-000G
A49-RPP171-100G
A49-RPP171-110G
·
1 Cooler/Heat sink
- (Wide/Normal Temp. -Cooler for 28W) (Default)
- (Wide Temp. Fanless HS for 15W) (By request)
- (Normal Temp. Fanless HS for 15W) (By request)
A71-108160-010G
A71-008184-010G
A71-008184-000G
OPTIONAL ITEMS
Model Name
P/N
Memory
Rear I/O
Internal I/O
Power
Operating
Temp.
Display
LAN
USB
M.2
USB
TPM
RPP171-IE-1365UE
770-RPP1711-000G
2 DDR5 2 DP/HDMI
combo
3
4 USB 3.2 Gen2,
1 USB Type C
M.2 M/B/E/A Key 4 USB 2.0 w/TPM
12V DC-Jack
-20 to 70°C
RPP171-IE-1345UE
770-RPP1711-100G
12V DC-Jack
-20 to 70°C
RPP171-IB-1315UE
770-RPP1711-200G
12V DC-Jack
-5 to 65°C
RPP171-IB-U300E
770-RPP1711-300G
12V DC-Jack
-5 to 65°C
RPP173-IE-1365UE
770-RPP1731-000G
9~36V DC-Jack -20 to 70°C
RPP173-IE-1345UE
770-RPP1731-100G
9~36V DC-Jack -20 to 70°C
RPP173-IB-1315UE
770-RPP1731-200G
9~36V DC-Jack -5 to 65°C
RPP173-IB-U300E
770-RPP1731-300G
9~36V DC-Jack -5 to 65°C
Model Name
RPP171
RPP173
ENVIRONMENT
Temperature
Operating: -5 to 65°C, -20 to 70°C
Storage: -40 to 85°C
Operating: -5 to 65°C, -20 to 70°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
RPP173-IE-1365UE 442,970 hrs @ 25°C;
271,011 hrs @ 45°C; 160, 178,357 @ 60°;
133,264 hrs @ 70°C;
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
RPP173-IE-1365UE 442,970 hrs @ 25°C;
271,011 hrs @ 45°C; 160, 178,357 @ 60°;
133,264 hrs @ 70°C;
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANISM
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 20mm
Bottom Side: 3mm
PCB: 1.6mm
Top Side: 20mm
Bottom Side: 3mm
CERTIFICATIONS Certifications CE, FCC, RoHS, UKCA
CE, FCC, RoHS, UKCA
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com