Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM343-CS331 Datasheet(PDF) 3 Page - DFI Inc

Part # WM343-CS331
Description  8th/9th Gen Intel® CoreTM Desktop Box IPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343-CS331 Datasheet(HTML) 3 Page - DFI Inc

  WM343-CS331 Datasheet HTML 1Page - DFI Inc WM343-CS331 Datasheet HTML 2Page - DFI Inc WM343-CS331 Datasheet HTML 3Page - DFI Inc WM343-CS331 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
WM343-CS331-Q370
WM343-CS331-C246
SYSTEM
Processor
8th Generation Intel® Core™/Pentium®/Celeron® LGA 1151 Socket Processors:
Intel® Xeon® E-2176G (6 Cores, 12M Cache, up to 4.7 GHz); 80W (C246 only)
Intel® Xeon® E-2124G (4 Cores, 8M Cache, up to 4.5 GHz); 71W (C246 only)
Intel® Core™ i7-8700K (6 Cores, 12M Cache, up to 4.7 GHz); 95W
Intel® Core™ i7-8700 (6 Cores, 12M Cache, up to 4.6 GHz); 65W
Intel® Core™ i7-8700T (6 Cores, 12M Cache, up to 4.0 GHz); 35W
Intel® Core™ i5-8500 (6 Cores, 9M Cache, up to 4.1 GHz); 65W
Intel® Core™ i5-8500T (6 Cores, 9M Cache, up to 3.5 GHz); 35W
Intel® Core™ i3-8100 (4 Cores, 6M Cache, 3.6 GHz); 65W
Intel® Core™ i3-8100T (4 Cores, 6M Cache, to 3.1 GHz); 35W
Intel® Pentium® G5400 (2 Cores, 4M Cache, 3.7 GHz); 58W
Intel® Pentium® G5400T (2 Cores, 4M Cache, 3.1 GHz); 35W
Intel® Celeron® G4900 (2 Cores, 2M Cache, 3.1 GHz); 54W
Intel® Celeron® G4900T (2 Cores, 2M Cache, 2.9 GHz); 35W
9th Generation Intel® Core™ LGA 1151 Socket Processors:
Intel® Xeon® E-2278GE (8 Cores, 16M Cache, up to 4.7 GHz); 80W (C246 only)
Intel® Xeon® E-2278GEL (8 Cores, 16M Cache, up to 3.9 GHz); 35W (C246 only)
Intel® Xeon® E-2226GE (6 Cores, 12M Cache, up to 4.6 GHz); 80W (C246 only)
Intel® Core™ i9-9900K (8 Cores, 16M Cache, up to 5.0 GHz); 95W (Non-LTS)
Intel® Core™ i7-9700TE (8 Cores, 12M Cache, up to 3.8 GHz); 35W
Intel® Core™ i5-9500E (6 Cores, 9M Cache, up to 4.2 GHz); 65W
Intel® Core™ i5-9500TE (6 Cores, 9M Cache, up to 3.6 GHz); 35W
Intel® Core™ i3-9100E (4 Cores, 6M Cache, 3.7 GHz); 65W
Intel® Core™ i3-9100TE (4 Cores, 6M Cache, to 3.2 GHz); 35W
Chipset
Intel® Q370 Chipset
Intel® C246 Chipset
Memory
Four 288-pin DIMM up to 128GB
Dual Channel DDR4 2400/2666 MHz
Two 288-pin DIMM up to 64GB
Dual Channel DDR4 2400/2666 MHz
BIOS
AMI SPI 128Mbit
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/
H265, VP8, VP9
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/
H265, VP8, VP9
Display
1 x HDMI
1 x DVI-I (DVI-D signal)
1 x DP++
HDMI 1.2: resolution up to 1920x1200@60Hz
HDMI 2.0a: resolution up to 4096x2160@60Hz
(opt.)(MOQ required)
DVI-D: resolution up to 1920x1200@60Hz
DP++: resolution up to 4096x2106@60Hz
1 x HDMI
1 x DVI-I (DVI-D signal)
1 x DP++
HDMI 1.2: resolution up to 1920x1200@60Hz
HDMI 2.0a: resolution up to 4096x2160@60Hz
(opt.)(MOQ required)
DVI-D: resolution up to 1920x1200@60Hz
DP++: resolution up to 4096x2106@60Hz
Triple Displays
DVI-D & HDMI & DP++
DVI-D & HDMI & DP++
STORAGE
External
1 or 2 x 3.5"/2.5" SATA 3.0 Drive Bays
(1 x 3.5" SATA drive bay, by default)
1 x 5.25" Optical Drive Bay
1 or 2 x 3.5"/2.5" SATA 3.0 Drive Bays
(1 x 3.5" SATA drive bay, by default)
1 x 5.25" Optical Drive Bay
Internal
1 x mSATA
1 x M.2 2280 (PCIe x4/SATA)
1 x mSATA
1 x M.2 2280 (PCIe x4/SATA)
Interface
2 x PCIe x16 (Gen 3)
(1 x16 signals or 2 x8 signals)
2 x PCIe x4 (Gen 3)
1 x Mini-PCIe (PCIe/mSATA/USB2.0)
1 x M.2 2242/2260/2280 M key
(PCIe Gen3 x 4 NVMe)
2 x PCIe x16 (Gen 3)
(1 x16 signals or 2 x8 signals)
2 x PCIe x4 (Gen 3)
1 x Mini-PCIe (PCIe/mSATA/USB2.0)
1 x M.2 2242/2260/2280 M key
(PCIe Gen3 x 4 NVMe)
AUDIO
Audio Codec
Realtek ALC888
Realtek ALC888
Interface
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
ETHERNET
Controller
1 x Intel® i219LM PCIe (10/100/1000Mbps)
with iAMT 12.0 (only Xeon, Core i7/i5
support iAMT)
1 x Intel® i211AT PCIe (10/100/1000Mbps)
1 x Intel® i219LM PCIe (10/100/1000Mbps)
with iAMT 12.0 (only Xeon, Core i7/i5
support iAMT)
1 x Intel® i211AT PCIe (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
1 x Power LED
1 x HDD LED
REAR I/O
Ethernet
2 x GbE (RJ-45)
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
USB
2 x USB 3.1 Gen 2
2 x USB 3.1 Gen 1
2 x USB 2.0
2 x USB 3.1 Gen 2
2 x USB 3.1 Gen 1
2 x USB 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com