Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM343-CS331 Datasheet(PDF) 4 Page - DFI Inc

Part # WM343-CS331
Description  8th/9th Gen Intel® CoreTM Desktop Box IPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343-CS331 Datasheet(HTML) 4 Page - DFI Inc

  WM343-CS331 Datasheet HTML 1Page - DFI Inc WM343-CS331 Datasheet HTML 2Page - DFI Inc WM343-CS331 Datasheet HTML 3Page - DFI Inc WM343-CS331 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 14, 2024 DFI Inc.
ORDERING INFORMATION
Model Name
Part Number
Description
WM343-CS331 750-WM3435-000G
WM343-CS, uATX System, Black, CS331-C246, 250W, F/G SYSTEM RoHS
WM343-CS331 750-WM3435-100G
WM343-CS, uATX System, Black, CS330-Q370, 250W, F/G SYSTEM RoHS
•
1 WM343-CS331 System Unit
•
1 CPU cooler
•
1 SATA Data Cable (Length: 650mm)
•
4 HDD Screws
•
1 Quick Installation Guide
•
1 PSU Flex ATX 150W/250W/350W/400W/500W (250W Default)
•
1 System Fan
Optional Items
Part Number
Description
Wall Mount
761-WM3410-000G
ACCESSORY WALL MOUNT KITS WM34x Series RoHS
OPTIONAL ITEMS
PACKING LIST
SPECIFICATION
Model Name
WM343-CS331-Q370
WM343-CS331-C246
REAR I/O
Display
1 x HDMI
1 x DVI-I (DVI-D signal)
1 x DP++
1 x HDMI
1 x DVI-I (DVI-D signal)
1 x DP++
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
PS/2
1 x PS/2 (mini-DIN-6)
1 x PS/2 (mini-DIN-6)
Buttons
1 x Power button
1 x Reset button
1 x Power button
1 x Reset button
Cutout
2 x DB-9 Cutout
8 x USB 2.0 Cutout
2 x DB-9 Cutout
8 x USB 2.0 Cutout
WATCHDOG TIM-
ER
Output & Interval
System Reset, Programmable via Software
from 1 to 255 Seconds
System Reset, Programmable via Software
from 1 to 255 Seconds
SECURITY
TPM
Infineon TPM1.2/2.0 (optional)
Infineon TPM1.2/2.0 (optional)
POWER
Supply
Flex ATX 150W/250W/350W/400W/500W
(250W Default)
Flex ATX 150W/250W/350W/400W/500W
(250W Default)
COOLING
Fan
1 x 12cm system fan
1 x 12cm system fan
OS SUPPORT
Microsoft
Windows 10
Windows 10
Linux
Linux
Linux
ENVIRONMENT
Operating
Temperature
0 to 45°C
0 to 45°C
Storage
Temperature
0 to 60°C
0 to 60°C
Relative Humidity 5 to 95% RH (non-condensing)
5 to 95% RH (non-condensing)
MECHANICAL
Construction
Sheet Metal
Sheet Metal
Mounting
Wall mount
Wall mount
Dimensions
(W x H x D)
349 x 140.2 x 290.9mm (13.74" x 5.52" x 11.45")
349 x 140.2 x 290.9mm (13.74" x 5.52" x 11.45")
Weight
7.7kg
7.7kg
Color
no coating or black coating
no coating or black coating
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Operating: 3G
Non-operating: 5G
Vibration
Operating: Random 5~500Hz 0.5G
Non-operating: Sine 10~500Hz 1.5G
Operating: Random 5~500Hz 0.5G
Non-operating: Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
ISTA Project 1A
Certification
CE, FCC Class A, RoHS, UKCA
CE, FCC Class A, RoHS, UKCA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com