Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM343-CS331 Datasheet(PDF) 1 Page - DFI Inc

Part # WM343-CS331
Description  8th/9th Gen Intel® CoreTM Desktop Box IPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343-CS331 Datasheet(HTML) 1 Page - DFI Inc

  WM343-CS331 Datasheet HTML 1Page - DFI Inc WM343-CS331 Datasheet HTML 2Page - DFI Inc WM343-CS331 Datasheet HTML 3Page - DFI Inc WM343-CS331 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8th/9th Gen Intel® CoreTM
Desktop Box IPC
WM343-CS331-Q370
WM343-CS331-C246
KEY FEATURES
Upgraded CPU
Powered by 8th/9th Gen Intel® CoreTM
4 Expension Slots
3.5"/2.5" SATA + 5.25" optical drive bay
Triple Independent Display
HDMI + DVI-D + DP++
15 Years Long Term Support
15-Year CPU Life Cycle Support Until Q3' 33
Multiple Expansion
Support 2 PCIe x16, 2 PCIe x4, 1 Mini-PCIe
socket, 1 M.2 2280
PANEL
Rear View
Front View
Status,
HDD LED,
Reset
USB 2.0
Lan1~2
COM
HDMI
DP++
USB 3.1
DVI-D
Mic-in,
Line-out
2 DB-9 Cutout
8 USB 2.0 Cutout


Similar Part No. - WM343-CS331

ManufacturerPart #DatasheetDescription
logo
DFI Inc
WM343-CS330 DFI-WM343-CS330 Datasheet
978Kb / 4P
8th/9th Gen Intel® CoreTM Desktop Box IPC
WM343-CS332 DFI-WM343-CS332 Datasheet
1,016Kb / 4P
8th/9th Gen Intel® CoreTM Desktop Box IPC
WM343-CS332-C246 DFI-WM343-CS332-C246 Datasheet
1,016Kb / 4P
8th/9th Gen Intel® CoreTM Desktop Box IPC
WM343-CS332-Q370 DFI-WM343-CS332-Q370 Datasheet
1,016Kb / 4P
8th/9th Gen Intel® CoreTM Desktop Box IPC
More results

Similar Description - WM343-CS331

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
DT122-SB DFI-DT122-SB Datasheet
871Kb / 4P
3rd/2nd Gen Intel CoreTM Desktop Box PC
WM343-KD330 DFI-WM343-KD330 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-KD331 DFI-WM343-KD331 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-MB DFI-WM343-MB Datasheet
769Kb / 2P
3rd/2nd Gen Intel CoreTM Processor Desktop Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com