Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMR10WHMS3K Datasheet(PDF) 1 Page - Timeguard

Part # LEDMR10WHMS3K
Description  Microwave Presence Detection Version – White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMR10WHMS3K Datasheet(HTML) 1 Page - Timeguard

  LEDMR10WHMS3K Datasheet HTML 1Page - Timeguard LEDMR10WHMS3K Datasheet HTML 2Page - Timeguard LEDMR10WHMS3K Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Wattage
Energy Efficiency
Energy Usage
Lumen Output (lm)
LEDMR10WHMS3K
Microwave Presence
Detection Version – White
Features & Benefits
White Circular LED Fitting
IP44 Ingress Protection
Robust polycarbonate lens and housing suitable
for industrial, commercial and home installations
A powerful and energy saving alternative to
standard bulkhead lights
Concealed Microwave Detector
Technical Data
230V AC
50Hz
Surface Mount
Class II
-15°C to 45°C
IP44
Dial
2.5
8
360°
10
Class G
10KwH/1000H
800
Data sheet
LEDMR10WHMS3K
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDMR10WHMS3K

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDMR10WHMS TIMEGUARD-LEDMR10WHMS Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
More results

Similar Description - LEDMR10WHMS3K

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
2K-Bit I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
Omron Electronics LLC
D6T OMRON-D6T Datasheet
699Kb / 6P
High Sensitivity Enables Detection of Stationary Human Presence
logo
STMicroelectronics
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
4-Kbit Serial Presence Detect EEPROM compatible
21-Oct-2015
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
FOR DIMM SERIAL PRESENCE DETECT
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
Indicates Phase Presence
logo
Ledil, Inc.
F13838 LEDIL-F13838_18 Datasheet
11Mb / 23P
White version with ~91째 wide beam
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
Low-power, high-sensitivity infrared sensor for presence and motion detection
21-Dec-2021
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Renesas Technology Corp
SPD5108 RENESAS-SPD5108 Datasheet
2Mb / 103P
Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com