Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW81101ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW81101ATR Datasheet HTML 4Page - STMicroelectronics STW81101ATR Datasheet HTML 5Page - STMicroelectronics STW81101ATR Datasheet HTML 6Page - STMicroelectronics STW81101ATR Datasheet HTML 7Page - STMicroelectronics STW81101ATR Datasheet HTML 8Page - STMicroelectronics STW81101ATR Datasheet HTML 9Page - STMicroelectronics STW81101ATR Datasheet HTML 10Page - STMicroelectronics STW81101ATR Datasheet HTML 11Page - STMicroelectronics STW81101ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Block diagram and pin configuration
STW81101
8/48
10
ICP
PLL charge pump output
11
REXT
External resistance connection for
PLL charge pump
12
VDD_CP
Power supply for charge pump
13
TEST1
Test input 1
For test purposes only;
must be connected to
GND
14
LOCK_DET
Lock detector
CMOS output
15
TEST2
Test input 2
For test purposes only;
must be connected to
GND
16
REF_CLK
Reference clock input
17
VDD_PLL
PLL digital power supply
18
EXTVCO_INN
External VCO negative input
For test purposes only;
must be connected to
GND
19
EXTVCO_INP
External VCO positive input
For test purposes only;
must be connected to
GND
20
VDD_BUFVCO
VCO buffer power supply
21
DBUS_SEL
Digital Bus Interface select
CMOS input
22
VDD_DBUS
SPI and I2C bus power supply
23
EXT_PD
Power down hardware
‘0’ device ON; ‘1’ device OFF
CMOS input
24
SDA/DATA
I2CBUS/SPI data line
CMOS Bidir Schmitt
triggered
25
SCL/CLK
I2CBUS/SPI clock line
CMOS input
26
ADD0/LOAD
I2CBUS address select pin/ SPI load
line
CMOS input
27
ADD1
I2CBUS address select pin
CMOS input
28
ADD2
I2CBUS address select pin
CMOS input
Table 1.
Pin description (continued)
Pin No
Name
Description
Observation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com