Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101ATR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW81101ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101ATR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW81101ATR Datasheet HTML 27Page - STMicroelectronics STW81101ATR Datasheet HTML 28Page - STMicroelectronics STW81101ATR Datasheet HTML 29Page - STMicroelectronics STW81101ATR Datasheet HTML 30Page - STMicroelectronics STW81101ATR Datasheet HTML 31Page - STMicroelectronics STW81101ATR Datasheet HTML 32Page - STMicroelectronics STW81101ATR Datasheet HTML 33Page - STMicroelectronics STW81101ATR Datasheet HTML 34Page - STMicroelectronics STW81101ATR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
STW81101
I2C bus interface
31/48
and P is the selected prescaler modulus.
CALIBRATION
This register controls the VCO calibrator using the following values:
6.3.2
Read-only register
This register is automatically addressed in the 'current byte address read mode', using the
following values:
6.3.3
Default configuration
At power on reset, the following configuration is automatically loaded:
–
FUNCTIONAL MODE = 1 (VCOA with divided by 2 output)
–
A COUNTER = 8
–
B COUNTER = 562
–
R DIVIDER = 192
–
PLL_A[1:0] = [10]
–
CP_SEL[2:0] = [111]
–
PSC_MOD_SEL set to "0" (modulus = 16)
This corresponds to an output frequency of 1800MHz and a PFD frequency of 400kHz using
a 76.8MHz reference clock (calibration algorithm of the VCO is automatically started).
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
INITCAL
SERCAL
SELEXTCAL
CAL4
CAL3
CAL2
CAL1
CAL0
INITCAL:
resets the auto-calibrator state machine (writing to 1 and back to 0)
SERCAL:
at 1, starts the VCO auto-calibration (should be reset to 0 at the end of calibration)
SELEXTCAL:
for test purposes only; must be set to 0
CAL[4:0]:
for test purposes only; must be set to 0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
DEV_ID1
DEV_ID0
LOCK_DET INTCAL4 INTCAL3 INTCAL2 INTCAL1 INTCAL0
DEV_ID[1:0]:
device identifier bits; returns 00
LOCK_DET:
1 when PLL is locked
INTCAL[4:0]:
internal value of the VCO control word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com