Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW81101ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW81101ATR Datasheet HTML 18Page - STMicroelectronics STW81101ATR Datasheet HTML 19Page - STMicroelectronics STW81101ATR Datasheet HTML 20Page - STMicroelectronics STW81101ATR Datasheet HTML 21Page - STMicroelectronics STW81101ATR Datasheet HTML 22Page - STMicroelectronics STW81101ATR Datasheet HTML 23Page - STMicroelectronics STW81101ATR Datasheet HTML 24Page - STMicroelectronics STW81101ATR Datasheet HTML 25Page - STMicroelectronics STW81101ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Circuit description
STW81101
22/48
5.8
Voltage controlled oscillators
5.8.1
VCO selection
The STW81101 integrates two low-noise VCOs to cover a wide band from:
●
3300MHz to 4400MHz (direct output)
●
1650MHz to 2200MHz (selecting divider by 2)
●
825MHz to 1100MHz (selecting divider by 4)
VCO A frequency range is 3300 MHz to 3900MHz.
VCO B frequency range 3800 MHz to 4400MHz.
5.8.2
VCO frequency calibration
Both VCOs can operate on 32 frequency ranges that are selected by adding or subtracting
capacitors from the resonator. These frequency ranges are intended to cover the wide band
of operation and compensate for process variation on the VCO center frequency.
The range is automatically selected when the SERCAL bit rises from 0 to 1. The charge
pump is inhibited, and the ICP and VCTRL pins are at VDD/2 volts. The ranges are then
tested with this VCO input voltage to select the one nearest to the desired output frequency
(FOUT = N*Fref/R).
After this selection, the signal ENDCALB (which means End of Calibration) falls to 0, and the
charge pump is once again enabled. Additionally, the SERCAL bit should be reset to 0 before
the next channel step. To enable a fast settle, the PLL needs only to perform fine adjustment
around VDD/2 on the loop filter to reach FOUT.
Figure 19.
VCO sub-bands frequency characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com