Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE10-VMP6G Datasheet(PDF) 55 Page - STMicroelectronics

Part # M25PE10-VMP6G
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE10-VMP6G Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M25PE10-VMP6G Datasheet HTML 51Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 52Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 53Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 54Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 55Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 56Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 57Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 58Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
M25PE20, M25PE10
DC and AC parameters
55/60
Figure 30.
Reset AC waveforms
Table 23.
Reset conditions
Test conditions specified in
Table 16 and Table 17
Symbol
Alt.
Parameter
Conditions
Min.
Typ.
Max.
Unit
tRLRH
(1)
tRST Reset Pulse Width
10
µs
tSHRH
Chip Select High to Reset
High
Chip should have been deselected
before Reset is de-asserted
10
ns
1.
Value guaranteed by characterization, not 100% tested in production.
Table 24.
Timings after a Reset Low pulse(1)(2)
Test conditions specified in
Table 16 and Table 17
Symbol
Alt.
Parameter
Conditions:
Reset pulse occurred
Max.
Unit
tRHSL
tREC
Reset Recovery
Time
While decoding an instruction(3): WREN, WRDI, RDID,
RDSR, READ, RDLR, Fast_Read, WRLR, PW, PP, PE,
SE, BE, SSE, DP, RDP
30
µs
Under completion of an Erase or Program cycle of a
PW, PP, PE, SE, BE operation
300
µs
Under completion of an Erase cycle of an SSE
operation
3ms
Under completion of a WRSR operation
tW (see
Table 22)
ms
Device deselected (S High) and in Standby mode
0
µs
1.
All the values are guaranteed by characterization, and not 100% tested in production.
2.
See Table 14 for a description of the device status after a Reset Low pulse.
3.
S remains Low while Reset is Low.
AI06808
Reset
tRLRH
S
tRHSL
tSHRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com