Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE10-VMP6G Datasheet(PDF) 59 Page - STMicroelectronics

Part # M25PE10-VMP6G
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE10-VMP6G Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M25PE10-VMP6G Datasheet HTML 52Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 53Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 54Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 55Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 56Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 57Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 58Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 59Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
M25PE20, M25PE10
Revision history
59/60
14
Revision history
Table 28.
Document revision history
Date
Version
Changes
07-Dec-2004
0.1
Document written
21-Dec-2004
0.2
Notes 1 and 2 removed from Table 27: Ordering information scheme.
S08N silhouette corrected on page 1.
6-Oct-2005
1.0
Added <Blue>Table 21., AC characteristics (33 MHz operation).
Document status promoted to full Datasheet. An easy way to modify
data, A fast way to modify data, Page Write (PW) and Page Program
(PP) sections updated to explain optimal use of Page Write and Page
Program instructions. Clock slew rate changed from 0.03 to 0.1 V/ns.
Updated <Blue>Table 27., Ordering information scheme. Added
Ecopack® information.
10-Jul-2006
2
Document converted to the new ST template.
MLP package removed, SO8N package specifications updated (see
Section 12: Package mechanical).
Figure 5: SPI modes supported updated and Note 2 added. Timing line
of tSHQZ moved in Figure 29.
25-Jan-2007
3
50 MHz frequency added. VFQFPN package added (see Section 12:
Package mechanical).
The sectors are further divided up into subsectors (see Table 5:
M25PE20 memory organization and Table 6: M25PE10 memory
organization). Important note on page 6 added. Figure 4: Bus master
and memory devices on the SPI bus updated and explanatory paragraph
added. VCC supply voltage and VSS ground added. Section 4.8:
Protection modes modified. Section 8: Reset added, Reset timings table
split into Table 23: Reset conditions and Table 24: Timings after a Reset
Low pulse.
At Power-up the WIP bit is reset and the Lock Registers are reset (see
Section 7: Power-up and power-down).
VIO max changed in Table 15: Absolute maximum ratings.
M25PE20 and M25PE10 products processed in T9HX process added to
datasheet:
–WP pin replaces TSL (T7X technology), see Section 2.7: Write Protect
(W) or Top Sector Lock (TSL)
– Read Lock Register (RDLR), Write to Lock Register (WRLR), Write
Status Register (WRSR), SubSector Erase (SSE) and Bulk Erase
(BE) instructions added for T9HX process
– subsector protection granularity removed in T9HX process, still exists
in T7X process
– Table 5: M25PE20 memory organization and Table 6: M25PE10
memory organization updated to show subsectors
– Status Register BP1, BP0 bits and SRWD bit added.
Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com