Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE10-VMP6G Datasheet(PDF) 6 Page - STMicroelectronics

Part # M25PE10-VMP6G
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE10-VMP6G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M25PE10-VMP6G Datasheet HTML 2Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 3Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 4Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 5Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 6Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 7Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 8Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 9Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Description
M25PE20, M25PE10
6/60
1
Description
The M25PE20 and M25PE10 are 2 Mbit (256 Kb × 8 bit) and 1 Mbit (128 Kb × 8 bit) Serial
Paged Flash memories, respectively. They are accessed by a high speed SPI-compatible
bus.
The memories can be written or programmed 1 to 256 Bytes at a time, using the Page Write
or Page Program instruction. The Page Write instruction consists of an integrated Page
Erase cycle followed by a Page Program cycle.
The M25PE20 memory is organized as 4 sectors, each containing 256 pages. Each page is
256 Bytes wide. Thus, the whole memory can be viewed as consisting of 1024 pages, or
262,144 Bytes.
The M25PE10 memory is organized as 2 sectors, each containing 256 pages. Each page is
256 Bytes wide. Thus, the whole memory can be viewed as consisting of 512 pages, or 131,
072 Bytes.
The memories can be erased a page at a time, using the Page Erase instruction, a
subsector at a time, using the SubSector Erase instruction, a sector at a time, using the
Sector Erase instruction or as a whole, using the Bulk Erase instruction.
The memory can be Write Protected by either Hardware or Software using a mix of volatile
and non-volatile protection features, depending on the application needs. The protection
granularity is of 64 Kbytes (sector granularity).
In order to meet environmental requirements, ST offers the M25PE20 and M25PE10 in
ECOPACK® packages. ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Important note
This datasheet details the functionality of the M25PE20 and M25PE10 devices, based on
the previous T7X process or based on the current T9HX process. Delivery of parts in T9HX
process starts from August 2007.
What are the changes?
The M25PE10/M25PE20 in T9HX process offers the following additional features:
●
the whole memory array is partitioned into 4-Kbyte subsectors
●
five new instructions: Write Status Register (WRSR), Write to Lock Register (WRLR),
Read Lock Register (RDLR), 4-Kbyte SubSector Erase (SSE) and Bulk Erase (BE)
●
Status Register: 3 bits can be written (BP0, BP1, SRWD)
●
WP input (pin 3): Write protection limits are extended, depending on the value of the
BP0, BP1, SRWD bits. The WP Write protection remains the same if bits (BP1, BP0)
are set to (0, 1) or (1, 0)
●
VFQFPN8 6 × 5 mm package added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com