Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004SDIE2 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STE2004SDIE2
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004SDIE2 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STE2004SDIE2 Datasheet HTML 61Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 62Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 63Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 64Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 65Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 66Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 67Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 68Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
STE2004S
Electrical characteristics
65/79
I(VDD2)
Voltage generator supply
current
with VOP = 0 and
PRS = [0:0] with external
VLCD
(4)
5
µA
VDD2 = 2.8V;
VLCD = 10V; fsclk=0;
no display load;
5x charge pump(5)(3) (6)
60
150
µA
I(VDD1,2)
Total supply current
VDD2 = 2.8V; VLCD =
10V; 5x charge pump;
fsclk = 0;
no display load(5) (3) (6)
80
190
µA
Power down mode with
internal or external
VLCD(7)
315
µA
I(VLDCIN)
External LCD supply
voltage current
VDD =2.8V;
VLCD =10V;
no display load;
fsclk = 0;
(3)
25
µA
Logic outputs
V0H
High logic level output
voltage
IOH=-500
µA0.8VDD1
VDD1
V
VOL
Low logic level output
voltage
IOL=+500
µAVSS
0.2VDD1
V
Logic inputs
VIL
Logic low voltage level
VSS
0.3 VDD1
V
VIH
Logic high voltage level
0.7 VDD1
VDD2
V
Iin
Input current
Vin = VSS1 or VDD1
-1
1
µA
Logic inputs/outputs
VIL
Logic low voltage level
VSS
0.3 VDD1
V
VIH
Logic high voltage level
0.7 VDD1
VDD1 + 0.5
V
Table 27. DC operation (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com