Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004SDIE2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STE2004SDIE2
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004SDIE2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STE2004SDIE2 Datasheet HTML 43Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 44Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 45Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 46Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 47Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 48Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 49Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 50Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
STE2004S
Instruction set
47/79
Table 10. Explanations of Table 8 and Table 9 symbols
Bit
0
1
Reset state
DIR
Scroll by one down
Scroll by one up
H[0]
Select page 0
Select page 1
0
PD
Device fully working
Device in power down
1
V
Horizontal addressing
Vertical addressing
0
MX
Normal X axis addressing
X axis address is mirrored.
0
MY
Image is displayed not vertically
mirrored
Image is displayed vertically
mirrored
0
DO
MSB on TOP
MSB on BOTTOM
0
PE
Partial Display disabled
Partial Display enabled
0
MUX
MUX 65 mode
MUX 33 mode
0
R
Read ID-Number / I2C address
Read status byte
0
Table 11. Page selection
H[1]
H[0]
Description
Reset state
00
Page 0
0
1
Page 1
Page 0
10
Page 2
11
Page 3
Table 12. Display mode
D
E
Description
Reset state
00
Display blank
0
1
Qll display segments on
E=0
1
0
Normal mode
D=0
1
1
Inverse video mode
Table 13. Frame rate control
FR[1]
FR[0]
Description
Reset state
0
0
65Hz
0
1
70Hz
75Hz
1
0
75Hz
1
1
80Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com