Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004SDIE2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STE2004SDIE2
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004SDIE2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STE2004SDIE2 Datasheet HTML 40Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 41Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 42Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 43Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 44Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 45Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 46Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 47Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
Instruction set
STE2004S
44/79
5
Instruction set
Two different instructions formats are provided:
–With D/C set to LOW : commands are sent to the control circuitry.
–With D/C set to HIGH : the data RAM is addressed.
Two different instruction sets are embedded: the STE2001-like instruction set and the
extended instruction set. To select the STE2001-like instruction set, the EXT pad must be
connected to a logic LOW (connect to GND). To select the extended instruction set, the EXT
pad must be connected to a logic HIGH (connect to VDD1).
The instruction syntax is summarized in
Table 8. (basic-set) and Table 9. (extended set).
Table 8. STE2001/2-like instruction set
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description
H=0 or H=1
Read command
000
0000
000
Read I2C address or
status byte
(with 3-lines serial and
4-lines SPI only)
Function set
000
01
MX
MY
PD
V
H[0]
Power down
management; entry
mode;
Status byte
0
1
PD
BSY
0
D
E
MX
MY
DO
(I2C interface only)
ID code
010
0111
1
ID1
ID0
Write data
1
0
D7
D6D5D4D3D2D1D0
Writes data to RAM
H=0
Memory blank
000
0000
001
Starts memory blank
procedure
Scroll
000
0000
01
DIR
Scrolls by one row up
or down
VLCD range setting
000
0000
10
PRS[
0]
VLDC programming
range selection
Display control
000
0001
D
0
E
Select display
configuration
Set CP factor
000
0010
S2
S1
S0
Charge pump
multiplication factor
Set RAM Y
0
0
0
1
0
0
Y3
Y2
Y1
Y0
Set horizontal (Y)
RAM address
Set RAM X
0
0
1
X6
X5
X4
X3
X2
X1
X0
Set vertical (X) RAM
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com