Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393CS Datasheet(PDF) 2 Page - First Components International

Part # LM393CS
Description  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM393CS Datasheet(HTML) 2 Page - First Components International

  LM393CS Datasheet HTML 1Page - First Components International LM393CS Datasheet HTML 2Page - First Components International LM393CS Datasheet HTML 3Page - First Components International LM393CS Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM393 Dual Differential Comparator
ELECTRICAL CHARACTERISTICS
V
CC = 5.0Vdc, 0
oC < T
A < 70
oC (unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (2)
V
IO
mV
T
A = 25
oC
---
1.0
5.0
0oC < T
A < 70
oC
---
---
9.0
Input Offset Current
I
IO
nA
T
A = 25
oC
---
5.0
50
0oC < T
A < 70
oC
---
---
150
Input Offset Current (3)
I
IB
nA
T
A = 25
oC
---
25
250
0oC < T
A < 70
oC
---
---
400
Input Common Mode Voltage Range (3)
V
ICR
V
T
A = 25
oC
0
---
V
CC-1.5
0oC < T
A < 70
oC
0
---
V
CC-2.0
Voltage Gain
A
VOL
50
200
---
V/mV
R
L > 15K, VCC = 15 Vdc
T
A = 25
oC
Large Signal Response Time
---
---
300
---
ns
Vin = TTL Logic Swing.
Vref = 1.4 Vdc
VRL = 5.0 Vdc, RL = 5.1K
T
A = 25
oC
Response Time (5)
t
TLH
---
13
---
µs
VRL = 5.0 Vdc, RL = 5.1K
T
A = 25
oC
Input Differential Voltage (6)
V
ID
---
---
V
CC
V
All Vin > GND or V-Supply
(if used)
Output Sink Current
I
Sink
6.0
16
---
mA
Vin- > 1.0 Vdc, Vin+ = 0 Vdc
Vo < 1.5 Vdc, T
A = 25
oC
Output Saturation Voltage
V
OL
mV
Vin- > 1.0 Vdc, Vin+ = 0 Vdc
---
150
400
I
Sink < 4.0 mA, TA = 25
oC
0oC < T
A < 70
oC
---
---
700
Output Leakage Current
I
OL
nA
Vin- = 0 Vdc, Vin+ > 1.0 Vdc
---
0.1
---
Vo = 5.0 Vdc, T
A = 25
oC
Vin- = 0 Vdc, Vin+ > 1.0 Vdc
---
---
1000
Vo = 30 Vdc, 0oC < T
A < 70
oC
Supply Current
L
CC
mA
R
L =
, T
A = 25
oC
---
0.4
1.0
R
L =
, V
CC = 30 V
---
---
2.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com