Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393CS Datasheet(PDF) 4 Page - First Components International

Part # LM393CS
Description  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM393CS Datasheet(HTML) 4 Page - First Components International

  LM393CS Datasheet HTML 1Page - First Components International LM393CS Datasheet HTML 2Page - First Components International LM393CS Datasheet HTML 3Page - First Components International LM393CS Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LM393 Dual Differential Comparator
These dual comparators feature high gain, wide bandwidth characteristics. This gives
the device oscillation tendencies if the outputs are capacitively coupled to the inputs via stray
capacitance. This oscillation manifests itself during output transitions (V
OL to VOH ). To alleviate
this situation, input resistors <10 k
Ω should be used.
The addition of positive feedback (< 10 mV) is also recommended. It is good design
practice to ground all unused pins.
Differential input voltages may be larger than supply voltage without damaging the
comparator’s inputs. Voltages more negative than –0.3 V should not be used.
APPLICATIONS INFORMATION
Zero Crossing Detector
(Single Supply)
Zero Crossing Detector
(Split Supply)
Free-Running Square Wave Oscillator
Time Delay Generator
Comparator With Hysteresis
5-19



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com