Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393CS Datasheet(PDF) 1 Page - First Components International

Part # LM393CS
Description  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM393CS Datasheet(HTML) 1 Page - First Components International

  LM393CS Datasheet HTML 1Page - First Components International LM393CS Datasheet HTML 2Page - First Components International LM393CS Datasheet HTML 3Page - First Components International LM393CS Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM393 Dual Differential Comparator
DUAL DIFFERENTIAL COMPARATORS
Dual supplies can also be used as long as the
difference between them is 2 to 36 volts. The
LM393 is designed to operate at a temperature
range of 0oC to 70oC.
The LM393 dual differential comparator is
made up of two voltage comparators that
operate using the same power supply. THe
supply voltage can range from 2 to 36 volts.
FEATURES
l
Single or dual supplies
l
2 to 36 V Supply
l
Low Input Bias Current
l
Low Input Offset Voltage
l
Low Input Offset Current
l
Low Supply Current Drain
l
Output Compatible with TTL, MOS,
and CMOS
PIN ARRANGEMENT
8 SOP LM393CS
8 DIP LM393CD
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage
V
CC
+36 or +18
V
Input Differential Voltage Range
V
IDR
36
V
Input Common Mode Voltage Range
V
ICR
-0.3 to +36
V
Output Short Circuit-to-Ground
I
SC
Continuous
mA
Output Sink Current (1)
I
Sink
20
Power Dissipation @ 25oCP
D
570
mW
Derate above 25oC
1/Rθ
JA
5.7
mW/oC
Operating Ambient Temperature Range
T
A
0 to 70
oC
Operating Junction Temperature
T
J
125
oC
Storage Temperature Range
T
S
-65 to 150
oC
Item
Symbol
Rating
Unit
Notes: 1. The max. output current may be as high as 20 mA, independent of the magnitude of V
CC , output short circuits to
V
CC can cause excessive heating and eventual destruction.
2. At output switch point, V
O = 1.4 Vdc, RS = 0 Ω with VCC from 5.0 Vdc to 30 Vdc, and over the full input
common mode range (0V to V
CC = –1.5V).
3. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant,
independent of the output state, therefore, no loading changes will exist on the input lines.
4. Input common mode of either input should not be permitted to go more than 0.3V negative of ground or minus
supply. The upper limit of common mode range is V
CC –1.5V.
5. Response time is specified with a 100mV step and 5.0mV of overdrive. With larger magnitudes of overdrive faster
response times are obtainable.
6. The comparator will exhibit proper output state if one of the inputs becomes greater than V
CC , the other input
must remain within the common mode range. The low input state must not be less than –0.3V of ground or minus
supply.
5-16


Similar Part No. - LM393CS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
NXP Semiconductors
LM393 PHILIPS-LM393 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM393 TI-LM393 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
Dual Differential Comparators
logo
ON Semiconductor
LM393 ONSEMI-LM393 Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
More results

Similar Description - LM393CS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_10 Datasheet
164Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com