Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-RKJX Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E5CS-RKJX
Description  Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-RKJX Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E5CS-RKJX Datasheet HTML 4Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 5Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 6Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 7Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 8Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 9Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 10Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 11Page - Omron Electronics LLC E5CS-RKJX Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
E5CS-X
E5CS-X
10
Error Messages
The Temperature Controller is provided with self-diagnostic functions, and will display the following error messages if an error occurs.
Message
Cause
Control output
FFF
(1) Temperature has risen above set temperature range.
(2) Thermistor has been short-circuited.
OFF during heating (reverse)
ON during cooling (normal)
– – –
(1) Temperature has fallen below set temperature range.
(2) Thermistor has broken.
ON during heating (reverse)
OFF during cooling (normal)
FFF (blinks) (see note 1)
(1) Failure has occurred in thermocouple or platinum
resistance thermometer.
(2) Temperature has risen to a value much greater than
the set temperature range.
OFF
– – – (blinks) (see note 1)
(1) Failure has occurred in platinum resistance
thermometer.
(2) Polarities (positive and negative) of thermocouple have
been reversed.
(3) Temperature has fallen to a value much smaller than
the set temperature range.
OFF
E11 or E33 (see note 1)
Memory failure (E11) or A/D converter failure (E33) has
occurred. Temperature Controller must be repaired if
normal operation is not restored by turning power OFF
once and ON again.
Both control output and alarm output
are OFF.
Note:
1. The key operations are disabled.
2. The models with alarm output produce alarm output according to the alarm output setting when the message “FFF” is displayed (or
blinks), indicating that the temperature has risen above the set temperature range. Similarly, the alarm output is produced when the
message ”–” is displayed (or blinks), indicating that the temperature has fallen below the set temperature range.
Connections
Voltage output type
Relay output type
Thermocouple type
Platinum resistance
thermometer type
Thermistor type
100 to 240 VAC
Alarm output
20 mA 12 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com