Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STCS1
Description  1.5 A max constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1 Datasheet(HTML) 3 Page - STMicroelectronics

  STCS1 Datasheet HTML 1Page - STMicroelectronics STCS1 Datasheet HTML 2Page - STMicroelectronics STCS1 Datasheet HTML 3Page - STMicroelectronics STCS1 Datasheet HTML 4Page - STMicroelectronics STCS1 Datasheet HTML 5Page - STMicroelectronics STCS1 Datasheet HTML 6Page - STMicroelectronics STCS1 Datasheet HTML 7Page - STMicroelectronics STCS1 Datasheet HTML 8Page - STMicroelectronics STCS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STCS1
Application diagram
3/17
1
Application diagram
(*) The RIN resistor must be inserted when dVCC/dt is higher than 10 V/µs
Figure 1.
Typical application diagram for 0.5 A LED current
V
IN
4.5V to 40V
STCS1
C
BYP
0.1µF
C
DRAIN
0.47µF
R
FB
0.2Ohm
Load disconnection
(Open Drain output)
OFF
OFF
ON
ON
PWM
EN
GND
V
CC
DISC
FB
DRAIN
R
IN
(*)
100Ohm
V
IN
4.5V to 40V
STCS1
C
BYP
0.1µF
C
DRAIN
0.47µF
R
FB
0.2Ohm
Load disconnection
(Open Drain output)
OFF
OFF
ON
ON
PWM
EN
GND
V
CC
DISC
FB
DRAIN
R
IN
(*)
100Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com